Electronic Components Datasheet Search
  English  ▼

X  

IRD1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IRD1
Description  Infrared Pulse Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IRD1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IRD1 Datasheet HTML 1Page - List of Unclassifed Manufacturers IRD1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
telecontrolli
CHARACTERISTICS
MIN
TYP
MAX
UNIT
Electrical Characteristics
V
CC1
V
CC2
I
S
TYPICAL APPLICATION
Mechanical Dimensions
Pin Description
1
GND
Ground
2
FTD-A
Photodiode Anode
3
FTD-K
Photodiode Katode
4-12
Vcc
Supply Voltage of Internal Stage
7
Out
Output Signal (Low if impulse received)
8
LED
Led Control Signal
9
Out1
Output Signal (High if impulse received)
13
C
External Filter Capacitor
14
Vcc1*
24V DC/AC Supply Voltage
15
Vcc2*
12V DC/AC Supply Voltage
* Only one power supply voltage is necessary (12 or 24 V)
EXT
Supply Voltage
Supply Voltage
Supply Current
I
O
F
IR
T
OP
Operating Temperature Range
Out Sink Current
Infrared Pulse Frequency
24
18
32
VDC/VAC
VDC/VAC
12
918
3
400
300
20
-20
+80
mA
Hz
°C
mA
Ta = 25°C unless otherwise specified
Relè
LED
100uF
24V
10uF
Photodiode
IRT1 = Infrared Pulse Transmitter
(see Data Sheet)
Component typical values
V
CC
V
CC
+
+
3
2
1
4-12
15
14
13
7
8
9
+8.5V
Amplifier
Linear
Regulator
Detector
Driver
IRD1
17
9
12
415
Components Side
10.9 mm
2.54 mm
1mm
38.1 mm
+
IRT1
IRED: TSHA 5200 - 5203 Temic
Photodiode: BPW 43 - BP104 Temic
HEAD OFFICE & PLANT
SALES OFFICE
Via Naz. delle Puglie 177
80026 Casoria (NA), Italy
Tel: +39 081 7599033
Fax: +39 081 7596494
Via A.Volta 16
20093 Cologno Monzese (MI), Italy
Tel: +39 02 26707501
Fax: +39 02 26707500



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com