Electronic Components Datasheet Search
  English  ▼

X  

IRLML2402 Datasheet(PDF) 4 Page - International Rectifier

Part # IRLML2402
Description  HEXFET POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2402 Datasheet(HTML) 4 Page - International Rectifier

  IRLML2402 Datasheet HTML 1Page - International Rectifier IRLML2402 Datasheet HTML 2Page - International Rectifier IRLML2402 Datasheet HTML 3Page - International Rectifier IRLML2402 Datasheet HTML 4Page - International Rectifier IRLML2402 Datasheet HTML 5Page - International Rectifier IRLML2402 Datasheet HTML 6Page - International Rectifier IRLML2402 Datasheet HTML 7Page - International Rectifier IRLML2402 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRLML2402
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
40
80
120
160
200
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
2
4
6
8
10
0.0
1.0
2.0
3.0
4.0
G
A
Q , Total Gate Charge (nC)
FOR TEST CIRCUIT
SEE FIGURE 9
I
= 0.93A
V
= 16V
D
DS
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T = 25°C
T = 150°C
J
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
A
0.1
1
10
100
1
10
100
V
, Drain-to-Source Voltage (V)
DS
OPERATION IN THIS AREA LIMITED
BY RDS(on)
T
= 25°C
T
= 150°C
Single Pulse
100µs
1ms
10ms
A
A
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com