Electronic Components Datasheet Search
  English  ▼

X  

IRLML2402 Datasheet(PDF) 7 Page - International Rectifier

Part # IRLML2402
Description  HEXFET POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2402 Datasheet(HTML) 7 Page - International Rectifier

  IRLML2402 Datasheet HTML 1Page - International Rectifier IRLML2402 Datasheet HTML 2Page - International Rectifier IRLML2402 Datasheet HTML 3Page - International Rectifier IRLML2402 Datasheet HTML 4Page - International Rectifier IRLML2402 Datasheet HTML 5Page - International Rectifier IRLML2402 Datasheet HTML 6Page - International Rectifier IRLML2402 Datasheet HTML 7Page - International Rectifier IRLML2402 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRLML2402
Micro3 (SOT-23 / TO-236AB)
Dimensions are shown in millimeters (inches)
Part Marking Information
Package Outline
LEAD ASSIGNMENTS
1 - GATE
2 - SOURCE
3 - DRAIN
L
3X
3X
C
θ
A1
- C -
B
3X
A
e
e1
0.008 (.003)
3
1
2
E
- A -
- B -
D
H
0.20 ( .008 )
M
A M
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
.032
.044
0.82
1.11
A1
.001
.004
0.02
0.10
B
.015
.021
0.38
0.54
C
.004
.006
0.10
0.15
D
.105
.120
2.67
3.05
e
.0750 BASIC
1.90 BASIC
e1
.0375 BASIC
0.95 BASIC
E
.047
.055
1.20
1.40
H
.083
.098
2.10
2.50
L
.005
.010
0.13
0.25
θ
0°
8°
0°
8°
0.10 (.004)
M
C A S B S
MINIMUM RECOMMENDED FOOTPRINT
0.80 ( .031 )
3X
2.00
( .079 )
0.95 ( .037 )
2X
0.90
( .035 )
3X
3
3
3
NOTES:
1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1982.
2. CONTROLLING DIMENSION : INCH.
DIMENSIONS DO NOT INCLUDE MOLD FLASH.
Micro3 (SOT-23 / TO-236AB)
%
((%
!%
!#
!$
"
!'
X@@F
!&
XPSF
!(
!!
!"
(($
((#
!
`@6S
7
9
@
8
`
6
!
((&
(((
(('

'
(
&
9
8
X
7
6
Y
a
`
#
X@@F
XPSF
!

"
!!
!"
(($
((#
`@6S
!
!
#
$
"
`
X
9
8
7
6
@Y6HQG@)ÃÃUCDTÃDTÃ6IÃDSGHG%"!
96U@Ã8P9@Ã@Y6HQG@T)
`XXÃ2Ã($"!Ã2Ã@A
`XXÃ2Ã($"Ã2Ã$8
XXÃ2Ã !%ÃDAÃQS@8@9@9Ã7`ÃG6TUÃ9DBDUÃPAÃ86G@I96SÃ`@6S
I‚‡r†)ÃUuv†Ãƒh…‡Ã€h…xvtÃvs‚…€h‡v‚Ãhƒƒyvr†Ã‡‚Ãqr‰vpr†Ãƒ…‚qˆprqÃirs‚…rÃ!!%!
A
((%
$!
$
$
!
((&
(((
(('
F
C
E
B
Y
a
`
Q6SUÃIVH7@S
Q6SUÃIVH7@SÃ8P9@ÃS@A@S@I8@)
XXÃ2Ã!&$!ÃDAÃQS@8@9@9Ã7`Ã6ÃG@UU@S
96U@
8Ã2ÃDSGHG%"!
9Ã2ÃDSGHG$ "
AÃ2ÃDSGHG%#
BÃ2ÃDSGHG!$!
CÃ2ÃDSGHG$!"
@Ã2ÃDSGHG%#!
6Ã2ÃDSGHG!#!
7Ã2ÃDSGHG!'"
8P9@
!(
"
$
X
`@6S
6
!
6
7
!!
7
8
!"
8
9
((#
9
Y
E
(($
((%
((&
(('
(((
!
@
A
B
C
F
`
(($
((%
((&
(('
!
(
'
&
%
$
Q6SUÃIVH7@S
`Ã2Ã`@6S
XÃ2ÃX@@F
XPSF
X@@F
XPSF
6Ã2ÃDSGHG!#!
7Ã2ÃDSGHG!'"
8Ã2ÃDSGHG%"!
9Ã2ÃDSGHG$ "
Q6SUÃIVH7@SÃ8P9@ÃS@A@S@I8@)
!$
`
$
`
!%
a
$!
a
BÃ2ÃDSGHG!$!
AÃ2ÃDSGHG%#
@Ã2ÃDSGHG%#!
CÃ2ÃDSGHG$!"
GPU
8P9@
I‚‡r†)ÃUuv†Ãƒh…‡Ã€h…xvtÃvs‚…€h‡v‚Ãhƒƒyvr†Ã‡‚Ãqr‰vpr†Ãƒ…‚qˆprqÃhs‡r…Ã!!%!
XÃ2Ã !%ÃDAÃQS@8@9@9Ã7`ÃG6TUÃ9DBDUÃPAÃ86G@I96SÃ`@6S

!
"
#
!#
X
`@6S
`
6
!
7
!!
!
8
!"
"
9
((#
#
Y
(((

XÃ2Ã!&$!ÃDAÃQS@8@9@9Ã7`Ã6ÃG@UU@S
X@@F
!&
!'



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com