Electronic Components Datasheet Search
  English  ▼

X  

WR12AF Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # WR12AF
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

WR12AF Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  WR12AF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. WR12AF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. WR12AF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. WR12AF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. WR12AF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series WR
Environmentally Sealed Rockers
B126
B
www.nkkswitches.com
Terminals
S
Solder Lug with
Epoxy Seal
SN
Solder Lug without
Epoxy Seal
T
Screw Lug with
Epoxy Seal
TN
Screw Lug without
Epoxy Seal
F
.250” (6.35mm)
Quick Connect with
Epoxy Seal
FN
.250” (6.35mm)
Quick Connect
without Epoxy Seal
L
Wire Lead
TYPICAL SWITCH ORDERING EXAMPLE
S
WR
SPDT
ON-NONE-ON Circuit
Circuits
1
ON
NONE
OFF
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
8
(ON)
OFF
(ON)
9
ON
OFF
(ON)
(
) = Momentary
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
WR12BS
B
Solder Lug Terminals
with Epoxy Seal
Poles
1
SPST
SPDT
2
1
Ivory Rocker
Rockers
A
Black
B
Ivory
Contact Factory
for Quick Connect
with Ivory Rocker
*
*
IMPORTANT:
Switches are supplied without UL, cULus & VDE marking unless specified.
UL, cULus & VDE recognized only when ordered with marking on the switch.
Specific models, ratings and ordering instructions are noted on the General
Specifications page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com