Electronic Components Datasheet Search
  English  ▼

X  

WR12AF Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # WR12AF
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

WR12AF Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  WR12AF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. WR12AF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. WR12AF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. WR12AF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. WR12AF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series WR
Environmentally Sealed Rockers
B127
B
www.nkkswitches.com
Rocker Position
(
) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Note: Terminal numbers are not
actually on wire lead models.
SP
WR11
ON
NONE
OFF
1a-1b
OPEN
OPEN
SPST
SP
WR12
WR13
WR15
WR18
WR19
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
1-1b
OPEN
1-1a
SPDT
POLES & CIRCUITS
1a (COM)
1b
1 (COM)
1b
1a
TYPICAL SWITCH DIMENSIONS
WR11 model does not have terminal 1.
WR12AS
Screw Lug Terminals
Solder Lug Terminals
WR11 model does not have terminal 1.
WR12AT
Panel Thickness
.039” ~ .157”
(1.0mm ~ 4.0mm)
(28.8)
1.134
(34.2)
1.346
(11.2) Typ
.441
(38.9)
1.531
(25.4)
1.00
(7.8)
.307
(8.3)
.327
M3.5 x 5 Typ
24°
(2.5)
.098
(1.0) Typ
.039
(41.0)
1.614
(30.0)
1.181
(12.9)
.508
(24.0)
.945
NKK P/N This Side
(34.2)
1.346
(28.8)
1.134
(35.4)
1.394
24°
(25.4)
1.00
(4.8)
.189
(11.3) Typ
.445
(7.8)
.307
(2.5)
.098
(0.8) Typ
.031
(2.4) Dia Typ
.094
(41.0)
1.614
(30.0)
1.181
(12.9)
.508
(24.0)
.945
NKK P/N This Side
Panel Thickness
.039” ~ .157”
(1.0mm ~ 4.0mm)
(15.8)
.622
(17.2)
.677
1a
1b
1
(4.8) Typ
.189
(15.8)
.622
(17.2)
.677
1a
1b
1
(6.6) Typ
.260
(17.2)
.677
(34.2)
1.346
+ 0.3
– 0.0
+ 0.3
– 0.0
(17.2)
.677
(34.2)
1.346
+ 0.3
– 0.0
+ 0.3
– 0.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com