Electronic Components Datasheet Search
  English  ▼

X  

IXBF9N140 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXBF9N140
Description  High Voltage BIMOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBF9N140 Datasheet(HTML) 3 Page - IXYS Corporation

  IXBF9N140 Datasheet HTML 1Page - IXYS Corporation IXBF9N140 Datasheet HTML 2Page - IXYS Corporation IXBF9N140 Datasheet HTML 3Page - IXYS Corporation IXBF9N140 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2000 IXYS All rights reserved
3 - 4
V
CE - Volts
0
400
800
1200
1600
0
5
10
15
V
F - Volts
0
2468
10
0
5
10
15
20
25
30
V
CE - Volts
0
2
4
6
8
10
12
14
16
18
0
5
10
15
20
25
30
Q
G - nanocoulombs
0
102030
40
50
0
2
4
6
8
10
12
14
16
V
CE - Volts
0
2
4
6
8
1012
141618
0
5
10
15
20
25
30
13V
T
J = 25°C
V
GE = 17V
T
J = 125°C
V
CE = 600V
I
C
= 5A
T
J = 125°C
V
CEK < VCES
15V
V
GE - Volts
4
6
8
101214
0
5
10
15
20
25
30
13V
V
GE = 17V
15V
V
CE = 20V
T
J = 125°C
T
J = 25°C
T
J = 125°C
T
J = 25°C
IXBF 9N140
IXBF 9N160
Fig. 1 Typ. Output Characteristics
Fig. 2 Typ. Output Characteristics
Fig. 3 Typ. Transfer Characteristics
Fig. 4 Typ. Characteristics of Reverse
Conduction
Fig. 5 Typ. Gate Charge characteristics
Fig. 6 Reverse Biased Safe Operating Area
RBSOA
IXBF 9N140
IXBF 9N160



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com