Electronic Components Datasheet Search
  English  ▼

X  

IXBF9N140 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXBF9N140
Description  High Voltage BIMOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBF9N140 Datasheet(HTML) 1 Page - IXYS Corporation

  IXBF9N140 Datasheet HTML 1Page - IXYS Corporation IXBF9N140 Datasheet HTML 2Page - IXYS Corporation IXBF9N140 Datasheet HTML 3Page - IXYS Corporation IXBF9N140 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 IXYS All rights reserved
1 - 4
IXYS reserves the right to change limits, test conditions and dimensions.
Features
• High Voltage BIMOSFETTM
- substitute for high voltage MOSFETs
with significantly lower voltage drop
- fast switching for high frequency
operation
- reverse conduction capability
• ISOPLUS i4-PACTM
high voltage package
- isolated back surface
- enlarged creepage towards heatsink
- enlarged creepage between high
voltage pins
- application friendly pinout
- high reliability
- industry standard outline
Applications
• switched mode power supplies
• DC-DC converters
• resonant converters
• lamp ballasts
• laser generators, x ray generators
IGBT
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
IXBF 9N140
1400
V
IXBF 9N160
1600
V
V
GES
± 20
V
I
C25
T
C = 25°C
7
A
I
C90
T
C = 90°C
4
A
I
CM
V
GE = 15/0 V; RG = 100 W; TVJ = 125°C
12
A
V
CEK
RBSOA, Clamped inductive load; L = 100 µH
0.8V
CES
P
tot
T
C = 25°C
70
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 5 A; VGE = 15 V; TVJ =
25°C
4.9
7
V
T
VJ = 125°C
5.6
V
V
GE(th)
I
C = 0.5 mA; VGE = VCE
48
V
I
CES
V
CE = 0.8VCES; VGE = 0 V; TVJ =
25°C
0.1
mA
T
VJ = 125°C
0.1
mA
I
GES
V
CE = 0 V; VGE = ± 20 V
500
nA
t
d(on)
200
ns
t
r
60
ns
t
d(off)
180
ns
t
f
40
ns
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
550
pF
Q
Gon
V
CE = 600V; VGE = 15 V; IC = 7 A
44
nC
V
F
(reverse conduction); I
F = 5 A
3.6
V
R
thJC
1.75 K/W
Inductive load, T
VJ = 125°C
V
CE = 960 V; IC = 5 A
V
GE =
15/0 V; R
G = 100 W
Advanced Technical Information
IXBF 9N140
IXBF 9N160
1
5
I
C25
= 7 A
V
CES
= 1400/1600 V
V
CE(sat) = 4.9V
t
f
= 40 ns
High Voltage
BIMOSFETTM
in High Voltage
ISOPLUS i4-PACTM
Monolithic Bipolar MOS Transistor


Similar Part No. - IXBF9N140

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBF9N160G IXYS-IXBF9N160G Datasheet
88Kb / 4P
Monolithic Bipolar MOS Transistor
More results

Similar Description - IXBF9N140

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBH9N140G IXYS-IXBH9N140G Datasheet
63Kb / 4P
High Voltage BIMOSFET Monolithic Bipolar MOS Transistor
IXBH16N170A IXYS-IXBH16N170A Datasheet
51Kb / 2P
High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBH20N140 IXYS-IXBH20N140 Datasheet
61Kb / 4P
High Voltage BIMOSFET Monolithic Bipolar MOS Transistor
IXBH15N140 IXYS-IXBH15N140 Datasheet
63Kb / 4P
High Voltage BIMOSFET Monolithic Bipolar MOS Transistor
IXBF40N140 IXYS-IXBF40N140 Datasheet
99Kb / 4P
High Voltage BIMOSFET
IXBH10N170 IXYS-IXBH10N170 Datasheet
596Kb / 5P
High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBF12N300 IXYS-IXBF12N300 Datasheet
207Kb / 5P
High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
MMIX4B22N300 IXYS-MMIX4B22N300 Datasheet
238Kb / 6P
High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBT20N360HV IXYS-IXBT20N360HV Datasheet
286Kb / 6P
High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBT32N300HV IXYS-IXBT32N300HV Datasheet
309Kb / 6P
High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com