Electronic Components Datasheet Search
  English  ▼

X  

RT2856 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT2856
Description  Synchronous Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2856 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT2856 Datasheet HTML 1Page - Richtek Technology Corporation RT2856 Datasheet HTML 2Page - Richtek Technology Corporation RT2856 Datasheet HTML 3Page - Richtek Technology Corporation RT2856 Datasheet HTML 4Page - Richtek Technology Corporation RT2856 Datasheet HTML 5Page - Richtek Technology Corporation RT2856 Datasheet HTML 6Page - Richtek Technology Corporation RT2856 Datasheet HTML 7Page - Richtek Technology Corporation RT2856 Datasheet HTML 8Page - Richtek Technology Corporation RT2856 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
RT2856
2
DS2856-10
October 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
RT/SYNC
Oscillator Resistor and External Frequency Synchronization Input. Connecting a
resistor from this pin to GND sets the switching frequency or connecting an
external clock to this pin changes the switching frequency.
2, 3,
15 (Exposed Pad)
GND
System Ground. Provide the ground return path for the control circuitry and
low-side power MOSFET. The exposed pad must be soldered to a large PCB
and connected to GND for minimum power dissipation.
4, 5
PVIN
Power Input. Supplies the power switches of the device.
6
VIN
Supply Voltage Input. Supplies the control circuitry and internal reference of the
device.
7
FB
Feedback Voltage Input. This pin is used to set the desired output voltage via an
external resistive divider. The feedback reference voltage is 0.8V typically.
8
COMP
Compensation Node. The current comparator threshold increases with this
control voltage. Connect external compensation elements to this pin to stabilize
the control loop.
9
SS/TR
Soft-Start and Tracking Control Input. Connect a capacitor from SS to GND to
set the soft-start period. The soft-start period can be used to track and sequence
when the external voltage on this pin overrides the internal reference.
10
EN
Enable Control Input. Floating this pin or connecting this pin to logic high can
enable the device and connecting this pin to GND can disable the device.
11, 12
LX
Switch Node. LX is the switching node that supplies power to the output and
connect the output LC filter from LX to the output load.
13
BOOT
Bootstrap Supply for High-Side Gate Driver. Connect a 100nF or greater
capacitor from LX to BOOT to power the high-side switch.
14
PGOOD
Power Good Indicator Output. This pin is an open-drain logic output that is pulled
to ground when the output voltage is lower or higher than its specified threshold
under the conditions of OVP, OTP, dropout, EN shutdown, or during slow start.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
WQFN-14AL 3.5x3.5
Package Type
QW : WQFN-14AL 3.5x3.5 (W-Type)
RT2856
Lead Plating System
G : Green (Halogen Free and Pb Free)
GND
GND
PVIN
PVIN
VIN
BOOT
LX
EN
SS/TR
LX
2
4
3
9
13
10
11
12
6
5
8
7
14
1
GND
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com