Electronic Components Datasheet Search
  English  ▼

X  

SP3222EBCT-L/TR Datasheet(PDF) 2 Page - Exar Corporation

Part # SP3222EBCT-L/TR
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3222EBCT-L/TR Datasheet(HTML) 2 Page - Exar Corporation

  SP3222EBCT-L/TR Datasheet HTML 1Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 2Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 3Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 4Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 5Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 6Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 7Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 8Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
NOTE 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability and cause permanent damage to the
device.
V
CC.......................................................-0.3V to +6.0V
V+ (NOTE 1).......................................-0.3V to +7.0V
V- (NOTE 1)........................................+0.3V to -7.0V
V+ + |V-| (NOTE 1)...........................................+13V
I
CC (DC VCC or GND current).........................+100mA
Input Voltages
TxIN, EN..............................................-0.3V to +6.0V
RxIN...................................................................+25V
Output Voltages
TxOUT.............................................................+13.2V
RxOUT, .......................................-0.3V to (V
CC +0.3V)
Short-Circuit Duration
TxOUT....................................................Continuous
Storage Temperature......................-65°C to +150°C
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX,
C1 - C4 = 0.1µF.
Power Dissipation per package
20-pin SSOP (derate 9.25mW/oC above +70oC)..............750mW
18-pin SOIC (derate 15.7mW/oC above +70oC)..............1260mW
20-pin TSSOP (derate 11.1mW/oC above +70oC).............890mW
16-pin SSOP (derate 9.69mW/oC above +70oC)...............775mW
16-pin Wide SOIC (derate 11.2mW/oC above +70oC)........900mW
16-pin TSSOP (derate 10.5mW/oC above +70oC)..............850mW
16-pin nSOIC (derate 13.57mW/oC above +70oC)...........1086mW
Maximum Junction Temperature .......................................+125°C
Thermal Resistance (16-pin TSSOP) ΘJA ...................100.4°C/W
Thermal Resistance (16-pin TSSOP) ΘJC .....................19.0°C/W
Thermal Resistance (16-pin QFN) ΘJA ......................... 44.0°C/W
Thermal Resistance (16-pin QFN) ΘJC ...........................7.3°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DC CHARACTERISTICS
Supply Current
0.3
1.0
mA
no load, V
CC = 3.3V,
T
AMB = 25
oC, TxIN = GND or V
CC
Shutdown Supply Current
1.0
10
µA
SHDN = GND, VCC = 3.3V,
T
AMB = 25
oC, TxIN = Vcc or GND
LOGIC INPUTS AND RECEIVER OUTPUTS
Input Logic Threshold LOW
GND
0.8
V
TxIN, EN, SHDN, Note 2
Input Logic Threshold HIGH
2.0
Vcc
V
Vcc = 3.3V, Note 2
Input Logic Threshold HIGH
2.4
Vcc
V
Vcc = 5.0V, Note 2
Input Leakage Current
+0.01
+1.0
µA
TxIN, EN, SHDN,
T
AMB = +25
oC, V
IN = 0V to VCC
Output Leakage Current
+0.05
+10
µA
Receivers disabled, V
OUT = 0V to VCC
Output Voltage LOW
0.4
V
I
OUT = 1.6mA
Output Voltage HIGH
V
CC -0.6
V
CC -0.1
V
I
OUT = -1.0mA
DRIVER OUTPUTS
Output Voltage Swing
+5.0
+5.4
V
All driver outputs loaded with 3kΩ to
GND, T
AMB = +25
oC
NOTE 2: Driver Input hysteresis is typically 250mV.
ABSOLUTE MAXIMUM RATINGS
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7000 • www.exar.com
SP3222EB/SP3232EB_106_022316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com