Electronic Components Datasheet Search
  English  ▼

X  

SP3222EBCT-L/TR Datasheet(PDF) 4 Page - Exar Corporation

Part # SP3222EBCT-L/TR
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3222EBCT-L/TR Datasheet(HTML) 4 Page - Exar Corporation

  SP3222EBCT-L/TR Datasheet HTML 1Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 2Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 3Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 4Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 5Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 6Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 7Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 8Page - Exar Corporation SP3222EBCT-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 1000kbps data rate, all
drivers loaded with 3kΩ, 0.1µF charge pump capacitors, and T
AMB = +25°C.
Figure 2. Slew Rate vs Load Capacitance
Figure 1. Transmitter Output Voltage vs Load
Capacitance
Figure 3. Supply Current VS. Load Capacitance
when Transmitting Data
Figure 5. Transmitter Output Voltage vs Supply
Voltage
Figure 4. Supply Current VS. Supply Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
4
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7000 • www.exar.com
SP3222EB/SP3232EB_106_022316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com