Electronic Components Datasheet Search
  English  ▼

X  

LM4918 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4918
Description  Stereo Audio Amp with AGC Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4918 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4918 Datasheet HTML 1Page - National Semiconductor (TI) LM4918 Datasheet HTML 2Page - National Semiconductor (TI) LM4918 Datasheet HTML 3Page - National Semiconductor (TI) LM4918 Datasheet HTML 4Page - National Semiconductor (TI) LM4918 Datasheet HTML 5Page - National Semiconductor (TI) LM4918 Datasheet HTML 6Page - National Semiconductor (TI) LM4918 Datasheet HTML 7Page - National Semiconductor (TI) LM4918 Datasheet HTML 8Page - National Semiconductor (TI) LM4918 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM4918
Stereo Audio Amp with AGC Control
General Description
The LM4918 is a monolithic integrated circuit that provides a
automatic gain control (AGC), and stereo bridged audio
power amplifiers capable of producing 1W into 8
Ω with less
than 1.0% THD.
Boomer® audio integrated circuits were designed specifically
to provide high quality audio while requiring a minimum
amount of external components. The LM4918 incorporates a
AGC and stereo bridged audio power amplifiers making it
optimally suited for multimedia monitors, portable radios,
desktop and portable computer applications.
The LM4918 features an externally controlled, low-power
consumption shutdown mode, and a power amplifier mute
for maximum system flexibility and performance.
Key Specifications
j THD+N at 1kHz, 1W, 8
Ω
0.3% (typ)
j Total quiescent power supply current
18mA (typ)
j Total shutdown power supply current
1µA (typ)
Features
n
0.75dB per step/32step AGC Control Interface
n
Automatic Gain Control Circuitry
n
Stereo Bridged power amplifiers
n
“Click and pop” suppression circuitry
n
Thermal shutdown protection circuitry
n
Selectable Auto Detect Std-by mode and Logic control
Applications
n
Portable Computers
n
Desktop Computers
n
Multimedia monitors
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20091301
FIGURE 1. Typical Audio Amplifier Application Circuit
February 2004
© 2004 National Semiconductor Corporation
DS200913
www.national.com


Similar Part No. - LM4918

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
Output Capacitor-less Stereo 35mW Headphone Amplifier
logo
Texas Instruments
LM4910 TI2-LM4910 Datasheet
1Mb / 31P
LM4910 Output Capacitor-less Stereo 35mW Headphone Amplifier
REVISED MARCH 2007
logo
National Semiconductor ...
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 26P
Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
logo
Texas Instruments
LM49100 TI1-LM49100 Datasheet
4Mb / 33P
Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
More results

Similar Description - LM4918

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
Stereo Audio Volume Control
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
STEREO AUDIO VOLUME CONTROL
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
Stereo Audio VOLUME CONTROL
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
Stereo Audio Volume Control
logo
Fangtek Ltd.
FT2923 FANGTEK-FT2923 Datasheet
1Mb / 27P
2x4.5W Class-G Stereo Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
FT2925 FANGTEK-FT2925 Datasheet
1Mb / 27P
2x6W Class-G Stereo Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com