Electronic Components Datasheet Search
  English  ▼

X  

LM4918 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4918
Description  Stereo Audio Amp with AGC Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4918 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4918 Datasheet HTML 7Page - National Semiconductor (TI) LM4918 Datasheet HTML 8Page - National Semiconductor (TI) LM4918 Datasheet HTML 9Page - National Semiconductor (TI) LM4918 Datasheet HTML 10Page - National Semiconductor (TI) LM4918 Datasheet HTML 11Page - National Semiconductor (TI) LM4918 Datasheet HTML 12Page - National Semiconductor (TI) LM4918 Datasheet HTML 13Page - National Semiconductor (TI) LM4918 Datasheet HTML 14Page - National Semiconductor (TI) LM4918 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Application Information (Continued)
mize thermal design may compromise the LM4918’s perfor-
mance and activate unwanted, though necessary, thermal
shutdown protection.
The LM4918LD must have its DAP soldered to a copper pad
on the PCB. The DAP’s PCB copper pad is then, ideally,
connected to a large plane of continuous unbroken copper.
This plane forms a thermal mass, heat sink, and radiation
area. Place the heat sink area on either outside plane in the
case of a two-sided or multi-layer PCB. (The heat sink area
can also be placed on an inner layer of a multi-layer board.
The thermal resistance, however, will be higher.) Connect
the DAP copper pad to the inner layer or backside copper
heat sink area with 2 vias. The via diameter should be
0.012in - 0.013in with a 1.27mm pitch. Ensure efficient ther-
mal conductivity by plugging and tenting the vias with plating
and solder mask, respectively. Further detailed and specific
information concerning PCB layout, fabrication, and mount-
ing an LQ (LLP) package is available in National Semicon-
ductor’s AN1187.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is
critical for low noise performance and high power supply
rejection. Applications that employ a 5V regulator typically
use a 10µF in parallel with a 0.1µF filter capacitors to stabi-
lize the regulator’s output, reduce noise on the supply line,
and improve the supply’s transient response. However, their
presence does not eliminate the need for a local 1.0µF
tantalum bypass capacitance connected between the
LM4918’s supply pins and ground. Keep the length of leads
and traces that connect capacitors between the LM4918’s
power supply pin and ground as short as possible. Connect-
ing a 2.2µF capacitor, C
B, between the BYPASS pin and
ground improves the internal bias voltage’s stability and
improves the amplifier’s PSRR. The PSRR improvements
increase as the bypass pin capacitor value increases. Too
large, however, increases turn-on time and can compromise
the amplifier’s click and pop performance. The selection of
bypass capacitor values, especially C
B, depends on desired
PSRR requirements, click and pop performance system
cost, and size constraints.
200913I8
FIGURE 2. REFERENCE DESIGN BOARD SCHEMATIC
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com