Electronic Components Datasheet Search
  English  ▼

X  

LM9076 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9076
Description  150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9076 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM9076 Datasheet HTML 1Page - National Semiconductor (TI) LM9076 Datasheet HTML 2Page - National Semiconductor (TI) LM9076 Datasheet HTML 3Page - National Semiconductor (TI) LM9076 Datasheet HTML 4Page - National Semiconductor (TI) LM9076 Datasheet HTML 5Page - National Semiconductor (TI) LM9076 Datasheet HTML 6Page - National Semiconductor (TI) LM9076 Datasheet HTML 7Page - National Semiconductor (TI) LM9076 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Application Information (Continued)
RESET DELAY TIME
When the regulator output is switched On, or after recovery
from brief V
OUT fault condition, the RESET flag can be can
be programmed to remain low for an additional delay time.
This will give time for any system reference voltages, clock
signals, etc., to stabilize before the micro-controller resumes
normal operation.
This delay time is controlled by the capacitor value on the
C
DELAY pin. During normal operation the CDELAY capacitor is
charged to near V
OUT . When a VOUT fault causes the
RESET pin to go low, the C
DELAY capacitor is quickly dis-
charged to ground. When the V
OUT fault is removed, and
V
OUT returns to the normal operating value, the CDELAY
capacitor begins charging at a typical constant 0.420uA rate.
When the voltage on the C
DELAY capacitor reaches the same
potential as the V
OUT pin the RESET pin will be allowed to
return high.
The typical RESET delay time can be calculated with the
following formula:
t
DELAY =VOUT X(CDELAY /IDELAY )
ForaC
DELAY
value of 0.001uF and a I
DELAY
value of
0.475uA the typical RESET delay time is:
t
DELAY =VOUT X (0.001uF / 0.475uA)
t
DELAY = 5.0V X (0.001uF / 0.420uA) = 11.9ms
THERMAL PROTECTION
Device operational range is limited by the maximum junction
temperature (T
J). The junction temperature is influenced by
the ambient temperature (T
A), package selection, input volt-
age (V
IN), and the output load current. When operating with
maximum load currents the input voltage and/or ambient
temperature will be limited. When operating with maximum
input voltage the load current and/or the ambient tempera-
ture will be limited.
Even though the LM9076 is equipped with circuitry to protect
itself from excessive thermal dissipation, it is not recom-
mended that the LM9076 be operated at, or near, the maxi-
mum recommended die junction temperature (T
J) as this
may impair long term device reliability.
The thermal protection circuity monitors the temperature at
the die level. When the die temperature exceeds typically
160C the voltage regulator output will be switched off.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com