Electronic Components Datasheet Search
  English  ▼

X  

LM9076 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9076
Description  150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9076 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9076 Datasheet HTML 1Page - National Semiconductor (TI) LM9076 Datasheet HTML 2Page - National Semiconductor (TI) LM9076 Datasheet HTML 3Page - National Semiconductor (TI) LM9076 Datasheet HTML 4Page - National Semiconductor (TI) LM9076 Datasheet HTML 5Page - National Semiconductor (TI) LM9076 Datasheet HTML 6Page - National Semiconductor (TI) LM9076 Datasheet HTML 7Page - National Semiconductor (TI) LM9076 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM9076
150mA Ultra-Low Quiescent Current LDO Regulator with
Delayed Reset Output
General Description
The LM9076 isa5Volt, +/-2%, 150mA logic controlled
voltage regulator. The regulator features an active low de-
layed reset output flag which can be used to reset a micro-
processor system at turn-ON and in the event that the regu-
lator input voltage falls below a minimum value. An external
capacitor programs a delay time interval before the reset
output pin can return high.
Designed for automotive and industrial applications, the
LM9076 contains a variety of protection features such as
thermal shutdown, input transient protection and a wide
operating temperature range. The LM9076 uses an PNP
pass transistor which allows low drop-out voltage operation.
Features
n
Ultra Low Ground Pin Current, 25µA typical for 100µA
load
n
V
OUT initial accuracy of +/-1%
n
V
OUT accurate to +/2% over Load and Temperature
Conditions
n
Low Dropout Voltage, 200mV typical with 150mA load
n
Low Off State Ground Pin current
n
Delayed RESET output pin for low V
OUT detection
n
+70V/-50V Voltage Transients
n
Operational V
IN up to +40V
Typical Application
20083030
Package Outline
20083027
Top View
Part Number LM9076S–5.0
See NS TO-263 Package Number TS5
20083028
Top View
Part Number LM9076BMA–5.0
See NS SOIC Package Number M08A
December 2003
© 2004 National Semiconductor Corporation
DS200830
www.national.com


Similar Part No. - LM9076

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9076 TI-LM9076 Datasheet
1Mb / 20P
LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
LM9076 TI2-LM9076 Datasheet
1Mb / 23P
LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
REVISED MARCH 2013
LM9076BMA-3.3 TI-LM9076BMA-3.3 Datasheet
1Mb / 20P
LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076BMA-3.3/NOPB TI1-LM9076BMA-3.3/NOPB Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
More results

Similar Description - LM9076

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Texas Instruments
LM9076Q TI1-LM9076Q Datasheet
357Kb / 16P
150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076BMA-3.3 TI-LM9076BMA-3.3 Datasheet
1Mb / 20P
LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076Q TI-LM9076Q_15 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com