Electronic Components Datasheet Search
  English  ▼

X  

LM5010MH Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5010MH
Description  High Voltage 1A Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5010MH Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM5010MH Datasheet HTML 11Page - National Semiconductor (TI) LM5010MH Datasheet HTML 12Page - National Semiconductor (TI) LM5010MH Datasheet HTML 13Page - National Semiconductor (TI) LM5010MH Datasheet HTML 14Page - National Semiconductor (TI) LM5010MH Datasheet HTML 15Page - National Semiconductor (TI) LM5010MH Datasheet HTML 16Page - National Semiconductor (TI) LM5010MH Datasheet HTML 17Page - National Semiconductor (TI) LM5010MH Datasheet HTML 18Page - National Semiconductor (TI) LM5010MH Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Applications Information (Continued)
Item
Description
Part No.
Package
Value
C1
Ceramic Capacitor
TDK C4532X7R2A225M
1812
2.2 µF, 100V
C2
Ceramic Capacitor
TDK C4532X7R1E156M
1812
15 µF, 25V
C3
Ceramic Capacitor
Kemet C0805C104K4RAC
0805
0.1 µF, 16V
C4, C6
Ceramic Capacitor
Kemet C0805C223K4RAC
0805
0.022 µF, 16V
C5
Ceramic Capacitor
TDK C2012X7R2A104M
0805
0.1 µF, 100V
D1
Ultra fast diode
Central Semi CMR2U-01
SMB
100V, 2A
L1
Inductor
TDK SLF10145
10.1 x 10.1
100 µH
R1
Resistor
Vishay CRCW08053001F
0805
3.0 k
Ω
R2
Resistor
Vishay CRCW08051001F
0805
1.0 k
Ω
R3
Resistor
Vishay CRCW08052R80F
0805
2.8
Ω
R
ON
Resistor
Vishay CRCW08051373F
0805
137 k
Ω
U1
Switching regulator
National Semi LM5010
20119933
FIGURE 14. LM5010 Example Circuit
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com