Electronic Components Datasheet Search
  English  ▼

X  

LM5010MH Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5010MH
Description  High Voltage 1A Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5010MH Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM5010MH Datasheet HTML 11Page - National Semiconductor (TI) LM5010MH Datasheet HTML 12Page - National Semiconductor (TI) LM5010MH Datasheet HTML 13Page - National Semiconductor (TI) LM5010MH Datasheet HTML 14Page - National Semiconductor (TI) LM5010MH Datasheet HTML 15Page - National Semiconductor (TI) LM5010MH Datasheet HTML 16Page - National Semiconductor (TI) LM5010MH Datasheet HTML 17Page - National Semiconductor (TI) LM5010MH Datasheet HTML 18Page - National Semiconductor (TI) LM5010MH Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Applications Information (Continued)
INCREASING THE CURRENT LIMIT THRESHOLD
The current limit threshold is nominally 1.25A, with a mini-
mum guaranteed value of 1.0A. If, at maximum load current,
the lower peak of the inductor current (I
PK- in Figure 13)
exceeds 1.0A, resistor R
CL must be added between SGND
and I
SEN to increase the current limit threshold to equal or
exceed that lower peak current. This resistor diverts some of
the recirculating current from the internal sense resistor so
that a higher current level is needed to switch the internal
current limit comparator. I
PK- is calculated from:
(11)
where I
O(max) is the maximum load current, and IOR(min) is
the minimum ripple current calculated using Equation 10.
R
CL is calculated from:
20119934
FIGURE 15. Efficiency vs V
IN
Circuit of Figure 14
20119935
FIGURE 16. Efficiency vs Load Current and V
IN
Circuit of Figure 14
20119936
FIGURE 17. Output Voltage Ripple vs V
IN
Circuit of Figure 14
20119937
FIGURE 18. Frequency vs V
IN
Circuit of Figure 14
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com