Electronic Components Datasheet Search
  English  ▼

X  

LP2980-ADJ Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2980-ADJ
Description  Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980-ADJ Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP2980-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, VIN =VO(NOM) + 1V,
IL = 1 mA, ON/OFF pin tied to VIN,RADJ = 86.6k, and test circuit is as shown in Basic Application Circuit. (Continued)
Ground Pin Current vs. Temperature
DS100001-9
Ground Pin Current vs. Load Current
DS100001-10
Input Current vs. V
IN
DS100001-11
Load Transient Response
DS100001-12
Line Transient Response
DS100001-13
Short Circuit Current
DS100001-14
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com