Electronic Components Datasheet Search
  English  ▼

X  

LP2980-ADJ Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2980-ADJ
Description  Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980-ADJ Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LP2980-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, VIN =VO(NOM) + 1V,
IL = 1 mA, ON/OFF pin tied to VIN,RADJ = 86.6k, and test circuit is as shown in Basic Application Circuit. (Continued)
Short Circuit Current
DS100001-15
Load Regulation
DS100001-16
ADJ Pin Bias Current vs. Load Current
DS100001-17
ADJ Pin Bias Current vs. Temperature
DS100001-18
ON/OFF Threshold vs.Temperature
DS100001-19
Output Noise Density
DS100001-20
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com