Electronic Components Datasheet Search
  English  ▼

X  

IRKT71/10AS90 Datasheet(PDF) 2 Page - International Rectifier

Part # IRKT71/10AS90
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT71/10AS90 Datasheet(HTML) 2 Page - International Rectifier

  IRKT71/10AS90 Datasheet HTML 1Page - International Rectifier IRKT71/10AS90 Datasheet HTML 2Page - International Rectifier IRKT71/10AS90 Datasheet HTML 3Page - International Rectifier IRKT71/10AS90 Datasheet HTML 4Page - International Rectifier IRKT71/10AS90 Datasheet HTML 5Page - International Rectifier IRKT71/10AS90 Datasheet HTML 6Page - International Rectifier IRKT71/10AS90 Datasheet HTML 7Page - International Rectifier IRKT71/10AS90 Datasheet HTML 8Page - International Rectifier IRKT71/10AS90 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRK.71, .91 Series
2
Bulletin I27132 rev. I 09/04
www.irf.com
On-state Conduction
I
T(AV)
Max. average on-state
current (Thyristors)
180o conduction, half sine wave,
I
F(AV)
Max. average forward
T
C = 85
o
C
current (Diodes)
I
O(RMS
) Max. continuous RMS
on-state current.
165
210
As AC switch
I
TSM
Max. peak, one cycle
1665
1785
t=10ms No voltage
or
non-repetitive on-state
1740
1870
t=8.3ms reapplied
I
FSM
or forward current
1400
1500
t=10ms 100% V
RRM
1470
1570
t=8.3ms reapplied
1850
2000
t=10ms T
J = 25
o
C,
1940
2100
t=8.3ms no voltage reapplied
I2t
Max. I2t for fusing
13.86
15.91
t=10ms No voltage
12.56
14.52
t=8.3ms reapplied
9.80
11.25
t=10ms 100% V
RRM
8.96
10.27
t=8.3ms reapplied
17.11
20.00
t=10ms T
J = 25
o
C,
15.60
18.30
t= 8.3ms no voltage reapplied
I2√t
Max. I2√t for fusing (1)
138.6
159.1
KA2√s
t=0.1 to 10ms, no voltage reapplied,T
J = TJ max
V
T(TO)
Max. value of threshold
0.82
0.80
Low level (3)
voltage (2)
0.85
0.85
High level (4)
r
t
Max. value of on-state
3.00
2.40
Low level (3)
slope resistance (2)
2.90
2.25
High level (4)
V
TM
Max. peak on-state or
I
TM = π x IT(AV)
V
FM
forward voltage
I
FM = π x IF(AV)
di/dt
Max. non-repetitive rate
T
J = 25
o
C, from 0.67 V
DRM,
of rise of turned on
150
A/µs
I
TM =π x IT(AV), I
g = 500mA,
current
t
r < 0.5 µs, tp > 6 µs
I
H
Max. holding current
2
50
T
J = 25
o
C, anode supply = 6V,
resistive load, gate open circuit
IL
Max. latching current
400
TJ =25oC,anode supply=6V, resistive load
Parameters
IRK.71
IRK.91
Units
Conditions
Initial T
J = TJ max.
A
KA2s
V
mΩ
1.59
1.58
V
mA
or
I
(RMS)
I
(RMS)
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Type number
V
RRM , maximum
V
RSM , maximum
V
DRM , max. repetitive
I
RRM
Voltage
repetitive
non-repetitive
peak off-state voltage,
IDRM
Code
peak reverse voltage peak reverse voltage
gate open circuit
125°C
-V
V
V
mA
04
400
500
400
06
600
700
600
08
800
900
800
IRK.71/ .91
10
1000
1100
1000
15
12
1200
1300
1200
14
1400
1500
1400
16
1600
1700
1600
Sinusoidal
half wave,
Initial T
J = TJ max.
75
95
T
J = TJ max
TJ = TJ max
TJ = 25°C
(1) I2t for time t
x = I
2√t x √t
x
(2) Average power
= V
T(TO) x IT(AV) + rt x (IT(RMS))
2
(3) 16.7% x π x I
AV < I < π x IAV
(4) I > π x I
AV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com