Electronic Components Datasheet Search
  English  ▼

X  

IRKT71/10AS90 Datasheet(PDF) 5 Page - International Rectifier

Part # IRKT71/10AS90
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT71/10AS90 Datasheet(HTML) 5 Page - International Rectifier

  IRKT71/10AS90 Datasheet HTML 1Page - International Rectifier IRKT71/10AS90 Datasheet HTML 2Page - International Rectifier IRKT71/10AS90 Datasheet HTML 3Page - International Rectifier IRKT71/10AS90 Datasheet HTML 4Page - International Rectifier IRKT71/10AS90 Datasheet HTML 5Page - International Rectifier IRKT71/10AS90 Datasheet HTML 6Page - International Rectifier IRKT71/10AS90 Datasheet HTML 7Page - International Rectifier IRKT71/10AS90 Datasheet HTML 8Page - International Rectifier IRKT71/10AS90 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRK.71, .91 Series
5
Bulletin I27132 rev. I 09/04
www.irf.com
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
70
80
90
100
110
120
130
0
10203040
5060
7080
30°
60° 90°
120°
180°
Average On-state Current (A)
Conduction Angle
IRK.71.. Series
R
(DC) = 0.33 K/ W
thJC
70
80
90
100
110
120
130
0
20
40
60
80
100
120
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uction Period
IRK.71.. Series
R
(DC) = 0.33 K/ W
thJC
Fig. 3 - On-state Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 4 - On-state Power Loss Characteristics
0
20
40
60
80
100
120
0
10
20
30
4050607080
180°
120°
90°
60°
30°
RMSLimit
Conduction Angle
Average On-state Current (A)
IRK.71.. Series
Per Junction
T = 125°C
J
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average On-state Current (A)
IRK.71.. Series
Per Junction
T = 125°C
J
700
800
900
1000
1100
1200
1300
1400
1500
1600
1
10
100
Number Of Equal Amplitude Half Cyc le Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
IRK.71.. Series
Per Junc tion
600
800
1000
1200
1400
1600
1800
0.01
0.1
1
Pulse Train Duration (s)
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
Of Conduc tion May Not Be Maintained.
RRM
J
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
IRK.71.. Series
Per Junction



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com