Electronic Components Datasheet Search
  English  ▼

X  

BC546 Datasheet(PDF) 2 Page - First Components International

Part # BC546
Description  NPN Amplifier Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BC546 Datasheet(HTML) 2 Page - First Components International

  BC546 Datasheet HTML 1Page - First Components International BC546 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. Transfer Characteristic
Figure 3. DC current Gain
Figure 4. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 5. Output Capacitance
Figure 6. Current Gain Bandwidth Product
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
IB = 50 μA
IB = 100 μA
IB = 150 μA
IB = 200 μA
IB = 250 μA
IB = 300 μA
IB = 350 μA
IB = 400 μA
VCE[V], COLLECTOR-EMITTER VOLTAGE
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
VCE = 5V
VBE[V], BASE-EMITTER VOLTAGE
1
10
100
1000
1
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT
1
10
100
1000
10
100
1000
10000
IC = 10 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
1
10
100
1000
0.1
1
10
100
f=1MHz
IE = 0
VCB[V], COLLECTOR-BASE VOLTAGE
0.1
1
10
100
1
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com