Electronic Components Datasheet Search
  English  ▼

X  

BC546 Datasheet(PDF) 1 Page - First Components International

Part # BC546
Description  NPN Amplifier Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BC546 Datasheet(HTML) 1 Page - First Components International

  BC546 Datasheet HTML 1Page - First Components International BC546 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BC546
: BC547
: BC548
80
50
30
V
V
V
VCEO
Collector-Emitter Voltage : BC546
: BC547
: BC548
65
45
30
V
V
V
VEBO
Emitter-Base Voltage
: BC546/547
: BC548
6
5
V
V
IC
Collector Current (DC)
100
mA
PC
Collector Dissipation
500
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB=30V, IE=0
15
nA
hFE
DC Current Gain
VCE=5V, IC=2mA
110
800
VCE (sat)
Collector-Emitter Saturation Voltage
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
90
200
250
600
mV
mV
VBE (sat)
Base-Emitter Saturation Voltage
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
700
mV
mV
VBE (on)
Base-Emitter On Voltage
VCE=5V, IC=2mA
VCE=5V, IC=10mA
580
660
700
720
mV
mV
fT
Current Gain Bandwidth Product
VCE=5V, IC=10mA, f=100MHz
150
300
MHz
Cob
Output Capacitance
VCB=10V, IE=0, f=1MHz
3.5
6
pF
Cib
Input Capacitance
VEB=0.5V, IC=0, f=1MHz
9
pF
NF
Noise Figure
: BC546/547/548
: BC549/550
: BC549
: BC550
VCE=5V, IC=200µA
f=1KHz, RG=2KΩ
VCE=5V, IC=200µA
RG=2KΩ, f=30~15000MHz
2
1.2
1.4
1.4
10
4
4
3
dB
dB
dB
dB
Classification
A
B
C
hFE
110 ~ 220
200 ~ 450
420 ~ 800
Description of TO-92 NPN Amplifier Transistor
• High Voltage: BC546,547,548
VCEO=65V, 45V, 30V
• Power
dissipation
Pcm:
0.625W(Ta=25C)
• Collector
current
:Icm:0.1A
• Collector-base
voltage:V(BR)CBO:BC546:80V,BC547:50V,BC548:30V
• Operating and storage junction temperature range:Tj, Tstg: -55 ~ 150C
Ic=100uA, IE=0
Ic=1mA, IB=0
IE=10uA, Ic=0
BC546/547/548
BC546 Series NPN Amplifier Transistor


Similar Part No. - BC546

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC546 MOTOROLA-BC546 Datasheet
193Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC546 ONSEMI-BC546 Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
NPN general purpose transistors
2004 Nov 25
logo
Semtech Corporation
BC546 SEMTECH-BC546 Datasheet
371Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC546 SIEMENS-BC546 Datasheet
210Kb / 6P
NPN Silicon Transistors
More results

Similar Description - BC546

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1622D7 SAMSUNG-MMBC1622D7 Datasheet
25Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
MMBT6428 SAMSUNG-MMBT6428 Datasheet
29Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
MMBT6429 SAMSUNG-MMBT6429 Datasheet
31Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
MPS6520 SAMSUNG-MPS6520 Datasheet
29Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
MPS6521 SAMSUNG-MPS6521 Datasheet
29Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
MPS6602 SAMSUNG-MPS6602 Datasheet
30Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
MPS8097 SAMSUNG-MPS8097 Datasheet
30Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
MPS8098 SAMSUNG-MPS8098 Datasheet
74Kb / 2P
NPN (AMPLIFIER TRANSISTOR)
MPS8099 SAMSUNG-MPS8099 Datasheet
32Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
BC182 FAIRCHILD-BC182 Datasheet
356Kb / 6P
AMPLIFIER TRANSISTOR(NPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com