Electronic Components Datasheet Search
  English  ▼

X  

FC6251 Datasheet(PDF) 2 Page - First Components International

Part # FC6251
Description  250mA Ultra-Low Droupout Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC6251 Datasheet(HTML) 2 Page - First Components International

  FC6251 Datasheet HTML 1Page - First Components International FC6251 Datasheet HTML 2Page - First Components International FC6251 Datasheet HTML 3Page - First Components International FC6251 Datasheet HTML 4Page - First Components International FC6251 Datasheet HTML 5Page - First Components International FC6251 Datasheet HTML 6Page - First Components International FC6251 Datasheet HTML 7Page - First Components International FC6251 Datasheet HTML 8Page - First Components International FC6251 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MARKING INFORMATION & PIN CONFIGURATIONS(TOP VIEW)
SOT-89
1
2
3
6251
VVAYWW
TO-92
6251
VV
AYWW
1
2 3
1. VOUT
2. VSS
3. VIN
VOUT VSS
VIN
XXVYW
1
3
2
5
4
V
IN
V
SS
NC
VOUT
NC
SOT-25(SOT-23-5)
XX
= Marking Code
V
= Voltage Code
VV
= Voltage Suffix (18=1.8V ,50=5.0V)
A
= Assembly Location
Y
= Year
WW, W= Weekly
(FA = 6251)
Package
Shipping
SOT-25
SOT-25
SOT-25
SOT-25
SOT-25
SOT-89
SOT-89
SOT-89
SOT-89
SOT-89
3,000 Units/ Tape and Reel
3,000 Units/ Tape and Reel
3,000 Units/ Tape and Reel
3,000 Units/ Tape and Reel
3,000 Units/ Tape and Reel
1,000 Units/ Tape and Reel
1,000 Units/ Tape and Reel
1,000 Units/ Tape and Reel
1,000 Units/ Tape and Reel
1,000 Units/ Tape and Reel
Ordering Number
6251-1.8ST25R
6251-2.5ST25R
6251-2.7ST25R
6251-2.8ST25R
6251-3.0ST25R
6251-1.8ST89R
6251-2.5ST89R
6251-2.7ST89R
6251-2.8ST89R
6251-3.0ST89R
Output Voltage
ORDERING INFORMATION
TO-92
TO-92
TO-92
TO-92
TO-92
TO-92
TO-92
TO-92
TO-92
TO-92
1,000 Units/ ESD Bag
2,000 Units/ Ammo Pack (Tape)
2,000 Units/ Ammo Pack (Tape)
2,000 Units/ Ammo Pack (Tape)
2,000 Units/ Ammo Pack (Tape)
2,000 Units/ Ammo Pack (Tape)
6251-1.8T92B
6251-2.5T92B
6251-2.7T92B
6251-2.8T92B
6251-3.0T92B
6251-1.8T92RL
6251-2.5T92RL
6251-2.7T92RL
6251-2.8T92RL
6251-3.0T92RL
1.8V
1.8V
2.5V
2.5V
2.5V
2.5V
2.7V
2.7V
2.7V
2.7V
2.8V
2.8V
2.8V
2.8V
3.0V
3.0V
3.0V
3.0V
1.8V
1.8V
Voltage Code
E
G
T
H
J
1,000 Units/ ESD Bag
1,000 Units/ ESD Bag
1,000 Units/ ESD Bag
1,000 Units/ ESD Bag
* For detail Ordering Number identification, please see last page.
FC6251 250mA Ultra-Low Droupout Positive Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com