Electronic Components Datasheet Search
  English  ▼

X  

FC6251 Datasheet(PDF) 11 Page - First Components International

Part # FC6251
Description  250mA Ultra-Low Droupout Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC6251 Datasheet(HTML) 11 Page - First Components International

Back Button FC6251 Datasheet HTML 4Page - First Components International FC6251 Datasheet HTML 5Page - First Components International FC6251 Datasheet HTML 6Page - First Components International FC6251 Datasheet HTML 7Page - First Components International FC6251 Datasheet HTML 8Page - First Components International FC6251 Datasheet HTML 9Page - First Components International FC6251 Datasheet HTML 10Page - First Components International FC6251 Datasheet HTML 11Page - First Components International FC6251 Datasheet HTML 12Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SOT-89 PACKAGE OUTLINE DIMENSIONS
Pad Layout
45°
1.5
0.7
2
1
4.50 ± 0.05
Units: mm
1.650 REF
1.400 REF
4.20 ± 0.05
1.00 ± 0.07
2.5 ± 0.05
0.46 ± 0.025
3.00 ± 0.025
1.50
1.50
1.50 ± 0.05
0.38 ± 0.01
6°
R 0.13~3X
NO DRAFT~2
R 0.1 MAX
6°~2X
6°~2X
R 0.13~2X
R 0.13~2X
Unit: mm
R 0.13~4X
SOT-25(SOT-23-5) PACKAGE OUTLINE DIMENSIONS
Pad Layout
2.9 ± 0.1
0.074
1.9
0.037
0.95
0.037
0.95
0.094
2.4
0.028
0.7
Inches
mm
(
)
1.9 ± 0.05
0.95 ± 0.038
2.8 ± 0.1
1.5 ± 0.05
0.65 ± 0.05
0.35 ± 0.03
0.13
0~0.1
0.8 ± 0.05
1.10 ± 0.1
5°
5°
0.039
1.0
FC6251 250mA Ultra-Low Droupout Positive Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com