Electronic Components Datasheet Search
  English  ▼

X  

RT8167A Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8167A
Description  Dual Single-Phase PWM Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167A Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8167A Datasheet HTML 1Page - Richtek Technology Corporation RT8167A Datasheet HTML 2Page - Richtek Technology Corporation RT8167A Datasheet HTML 3Page - Richtek Technology Corporation RT8167A Datasheet HTML 4Page - Richtek Technology Corporation RT8167A Datasheet HTML 5Page - Richtek Technology Corporation RT8167A Datasheet HTML 6Page - Richtek Technology Corporation RT8167A Datasheet HTML 7Page - Richtek Technology Corporation RT8167A Datasheet HTML 8Page - Richtek Technology Corporation RT8167A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
RT8167A
®
DS8167A-02 July 2014
www.richtek.com
1
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Dual Single-Phase PWM Controller for CPU Core/GFX
Power Supply
Features
G-NAVP
TM (Green Native Active Voltage Positioning)
Topology
Dual Output Controller with Two Built-in Gate
Drivers
Serial VID Interface
0.5% DAC Accuracy
Differential Remote Output Voltage Sensing
Built-in ADC for Platform Programming
Diode Emulation Mode (DEM) at Light Load
Condition
Droop Enable/Disable
Fast Transient Response
VR12/IMVP7 Compatible Power Management
States
VR Ready Indicator
Thermal Throttling Indicator
Current Monitor Output
Switching Frequency up to 1MHz per Phase
Protection : OVP, UVP, NVP, OCP, UVLO
Small 48-Lead WQFN Package
RoHS Compliant and Halogen Free
Applications
VR12 / IMVP7 Intel CPU Core Supply
AVP Step-down Converter
Notebook/ Netbook/ Desktop Computer CPU Core
Supply
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
General Description
The RT8167A is a dual single-phase synchronous Buck
PWM controller with integrated gate drivers, compliant
with Intel VR12/IMVP7 specification. A serial VID (SVID)
interface is built-in in the RT8167A to communicate with
Intel VR12/IMVP7 compliant CPU. The integrated
differential remote output voltage sensing function and
built-in high accuracy DAC achieve accurate output voltage
regulation.
The RT8167A supports VR12/ IMVP7 compatible power
management states and VID on-the-fly function. The
RT8167A operates in two power management states
including DEM in PS2 and Forced-CCM in PS1/PS0.
Richtek's proprietary G-NAVP
TM (GreenNativeAVP) makes
AVP (Active Voltage Positioning) design easier and more
robust. By utilizing the G-NAVP
TM topology, DEM and CCM
efficiency can be improved.
The RT8167A integrates high accuracy ADC for platform
setting functions, such as no-load offset or over current
level. Individual VR ready output signals are provided for
both CORE VR and GFX VR. The IC also features complete
fault protection functions, including over voltage, under
voltage, negative voltage, over current and under voltage
lockout. The RT8167A is available in a WQFN-48L 6x6
small foot print package.
Marking Information
RT8167AGQW : Product Number
YMDNN : Date Code
RT8167A
GQW
YMDNN
Package Type
QW : WQFN-48L 6x6 (W-Type)
(Exposed Pad-Option 1)
RT8167A
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8167A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
More results

Similar Description - RT8167A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
Single phase PWM controller
26-Oct-2006
L6727 STMICROELECTRONICS-L6727 Datasheet
459Kb / 22P
Single phase PWM controller
06-Jun-2007
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
Single phase PWM controller
30-Jul-2007
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
Single phase PWM controller
23-Mar-2010
L6727 STMICROELECTRONICS-L6727_10 Datasheet
980Kb / 34P
Single phase PWM controller
23-Mar-2010
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
RT8172A RICHTEK-RT8172A Datasheet
494Kb / 40P
Dual Single-Phase PWM Controller
logo
STMicroelectronics
A6727B STMICROELECTRONICS-A6727B Datasheet
804Kb / 26P
Automotive single-phase PWM controller
15-Mar-2023
logo
Renesas Technology Corp
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 43P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
logo
Richtek Technology Corp...
RT8816C RICHTEK-RT8816C Datasheet
374Kb / 23P
Dual-Phase PWM Controller with PWM-VID Reference
January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com