Electronic Components Datasheet Search
  English  ▼

X  

RT8167A Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8167A
Description  Dual Single-Phase PWM Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167A Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8167A Datasheet HTML 1Page - Richtek Technology Corporation RT8167A Datasheet HTML 2Page - Richtek Technology Corporation RT8167A Datasheet HTML 3Page - Richtek Technology Corporation RT8167A Datasheet HTML 4Page - Richtek Technology Corporation RT8167A Datasheet HTML 5Page - Richtek Technology Corporation RT8167A Datasheet HTML 6Page - Richtek Technology Corporation RT8167A Datasheet HTML 7Page - Richtek Technology Corporation RT8167A Datasheet HTML 8Page - Richtek Technology Corporation RT8167A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
RT8167A
®
DS8167A-02 July 2014
www.richtek.com
3
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No.
Pin Name
Pin Function
11
GFXPS2
Forced DEM Enable Setting of GFX VR. Connect to VCC for forced-DEM setting
and connect to GND for following SVID power state command.
12
VCC
5V Power Supply Input of Controller. Bypass this pin to GND with a 1
μF or greater
ceramic capacitor.
13
SETINIA
Initial Startup Voltage VINI_GFX Setting of GFX VR. Connect to a resistive voltage
divider from VCC to GND to set the pin voltage VSETINIA for GFX VR initial startup
voltage VINI_GFX setting. Connect this pin to GND for 0V VINI_GFX setting.
14
SETINI
Initial Startup Voltage VINI_CORE Setting of CORE VR. Connect to a resistive
voltage divider from VCC to GND to set the pin voltage VSETINI for CORE VR initial
startup voltage VINI_CORE setting. Connect this pin to GND for 0V VINI_CORE setting.
15
TMPMAX
Maximum Temperature Setting of CORE VR. Connect to a resistive voltage divider
from VCC to GND to set the pin voltage VTMPMAX for TMPMAX setting.
16
ICCMAX
Maximum Current Setting of CORE VR. Connect to a resistive voltage divider from
VCC to GND to set the pin voltage VICCMAX for ICCMAX setting.
17
ICCMAXA
Maximum Current Setting of GFX VR. Connect to a resistive voltage divider from
VCC to GND to set the pin voltage VICCMAXA for ICCMAXA setting.
18
TSEN
Thermal Monitor Sense Pin of CORE VR.
19
OCSET
Over Current Protection Setting of CORE VR. Connect to a resistive voltage divider
from VCC to GND to set the pin voltage VOCSET from 0 to 3.3V for CORE VR over
current protection threshold.
20
TSENA
Thermal Monitor Sense Pin of GFX VR.
21
OCSETA
Over Current Protection Setting of GFX VR. Connect to a resistive voltage divider
from VCC to GND to adjust the pin voltage VOCSETA from 0 to 3.3V for GFX VR over
current protection threshold.
22
IBIAS
Internal bias current setting. Connect a 53.6k
Ω resistor from IBIAS pin to GND.
23
VRHOT
Thermal Monitor Output (Active Low). Connect a pull high resistor from VRHOT pin
to 1.05V.
24
VR_READY
Voltage Ready Indicator of CORE VR. Connect a pull high resistor from
VR_READY pin to 1.05V.
25
VRA_READY
Voltage Ready Indicator GFX VR. Connect a pull high resistor from VRA_READY
pin to 1.05V.
26
DRPENA
Droop Enable Mode Setting of GFX VR. An internal 80
μA current source is
connected to DRPENA pin and flows out of this pin for 10
μs. Connect this pin to
VCC to enable droop function. Connect this pin to GND to disable droop function.
27
ALERT
SVID Alert Pin (Active Low). Connect a 75
Ω resistor from ALERT pin to 1.05V.
28
VDIO
Controller and CPU Data Transmission Interface. Connecting a 64.9
Ω resistor
between VDIO pin to 1.05V.
29
VCLK
Synchronous Clock from the CPU. Connect a 64.9
Ω resistor from VCLK pin to
1.05V.
30
IMONFBA
This pin is used to externally set the current monitor output gain of GFX VR.
Connect this pin with one resistor RIMONFBA to GFX VCC_SENSE while IMON pin
is connected to ground with another resistor RIMONA. The current monitor output
gain can be set by the ratio of these two resistors.
31
IMONA
Current Monitor Output of GFX VR. The output voltage VIMONA of this pin is
proportional to the output current. For digital output current reporting, detailed
VIMONA is generated by built-in ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com