Electronic Components Datasheet Search
  English  ▼

X  

MAX7383AXUT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7383AXUT
Description  Silicon Oscillator with Low-Power Frequency Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7383AXUT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7383AXUT Datasheet HTML 1Page - Maxim Integrated Products MAX7383AXUT Datasheet HTML 2Page - Maxim Integrated Products MAX7383AXUT Datasheet HTML 3Page - Maxim Integrated Products MAX7383AXUT Datasheet HTML 4Page - Maxim Integrated Products MAX7383AXUT Datasheet HTML 5Page - Maxim Integrated Products MAX7383AXUT Datasheet HTML 6Page - Maxim Integrated Products MAX7383AXUT Datasheet HTML 7Page - Maxim Integrated Products MAX7383AXUT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Silicon Oscillator with Low-Power
Frequency Switching
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +6.0V
All Other Pins to GND...................................-0.3V to (V+ + 0.3V)
CLOCK Current ...............................................................±50mA
Input Current (SPEED)......................................................±50mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C)....571mW (U5-2)
Operating Temperature Range .........................-55°C to +135°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(Typical Operating Circuit, VCC = 2.7V to 5.5V, VL = VCC, TA = -40°C to +125°C. Typical values are at VCC = 5.0V, TA = +25°C,
unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
VCC
2.7
5.5
V
fCLOCK = 16MHz, TA = -40°C to +125°C, no
load
8.7
fCLOCK = 14.7456MHz, TA = -40°C to
+125°C, no load
8.0
fCLOCK = 12MHz, TA = -40°C to +125°C, no
load
6.5
fCLOCK = 11.0592MHz, TA = -40°C to
+125°C, no load
6.0
fCLOCK = 10MHz, TA = -40°C to +125°C, no
load
5.4
mA
Operating Supply Current
ICC
fCLOCK = 32.768kHz, TA = -40°C to
+125°C, no load
13
25
µA
LOGIC INPUTS (SPEED)
Input High Voltage
VIH
0.7 x VCC
V
Input Low Voltage
VIL
0.3 x VCC
V
Input Current
IIN
VCC SPEED = 5.5V
2
µA
CLOCK OUTPUT
VL = 4.5V, ISOURCE = 7.0mA
Output High Voltage
VOH
VL = 2.7V, ISOURCE = 2.0mA
VL - 0.4
V
VL = 4.5V, ISINK = 20mA
Output Low Voltage
VOL
VL = 2.7V, ISINK = 10mA
0.4
V
VCC = 5V, TA = +25°C, deviation from
selected frequency
-2.5
+2.5
Fast Clock Frequency Accuracy
fCLOCK
VCC = 2.7V to 5.5V, TA = +25°C,
deviation from selected frequency
-5.0
+3.5
%
Fast Clock Temperature
Coefficient
TA = -40°C to +125°C
±50
±350
ppm/°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com