Electronic Components Datasheet Search
  English  ▼

X  

MAX7383AXUT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7383AXUT
Description  Silicon Oscillator with Low-Power Frequency Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7383AXUT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7383AXUT Datasheet HTML 1Page - Maxim Integrated Products MAX7383AXUT Datasheet HTML 2Page - Maxim Integrated Products MAX7383AXUT Datasheet HTML 3Page - Maxim Integrated Products MAX7383AXUT Datasheet HTML 4Page - Maxim Integrated Products MAX7383AXUT Datasheet HTML 5Page - Maxim Integrated Products MAX7383AXUT Datasheet HTML 6Page - Maxim Integrated Products MAX7383AXUT Datasheet HTML 7Page - Maxim Integrated Products MAX7383AXUT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Silicon Oscillator with Low-Power
Frequency Switching
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Typical Operating Circuit, VCC = 2.7V to 5.5V, VL = VCC, TA = -40°C to +125°C. Typical values are at VCC = 5.0V, TA = +25°C,
unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 5V, TA = +25°C
32.268
32.768
33.268
Slow Clock Frequency
fCLOCK
VCC = 2.7V to 5.5V, TA = +25°C
31.768
32.768
33.768
kHz
Slow Clock Temperature
Coefficient
TA = -40°C to +125°C
±50
±325
ppm/°C
Duty Cycle
(Note 2)
40
50
60
%
Output Jitter
Observation of 16MHz for 20s using a
500MHz oscilloscope
80
psP-P
Output Rise Time
tR
10% to 90%
5
ns
Output Fall Time
tF
90% to 10%
5
ns
TA = +25°C
2.45
2.55
Undervoltage Lockout
Threshold
VTH
VCC rising, deviation
from nominal threshold
TA = -40°C to
+125°C
2.37
2.63
%
Undervoltage Lockout Hysteresis
HYST
Difference between rising and falling
thresholds
1%
Note 1: All parameters tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Guaranteed by design. Not production tested.
Typical Operating Characteristics
(VCC = VL = 5V, TA = +25°C, frequency = 10MHz, unless otherwise noted.)
48.0
48.5
49.5
49.0
50.0
50.5
-55
21
-17
59
97
135
DUTY CYCLE vs. TEMPERATURE
TEMPERATURE (
°C)
FREQUENCY = 10MHz
DUTY CYCLE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
46
47
48
49
50
51
45
2.7
5.5
FREQUENCY = 11.0592MHz
2.90
3.00
2.95
3.10
3.05
3.20
3.15
3.25
-55
21
59
-17
97
135
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
FREQUENCY = 10MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com