Electronic Components Datasheet Search
  English  ▼

X  

MC33198 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC33198
Description  Automotive High Side TMOS Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33198 Datasheet(HTML) 1 Page - Motorola, Inc

  MC33198 Datasheet HTML 1Page - Motorola, Inc MC33198 Datasheet HTML 2Page - Motorola, Inc MC33198 Datasheet HTML 3Page - Motorola, Inc MC33198 Datasheet HTML 4Page - Motorola, Inc MC33198 Datasheet HTML 5Page - Motorola, Inc MC33198 Datasheet HTML 6Page - Motorola, Inc MC33198 Datasheet HTML 7Page - Motorola, Inc MC33198 Datasheet HTML 8Page - Motorola, Inc MC33198 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MC33198
© Motorola,Inc 1999
Rev 1.1
Automotive High Side
TMOS Driver
MOTOROLA
SEMICONDUCTOR
HIGH SIDE
TMOS DRIVER
PIN ASSIGNMENT
SRC
DRN
GND
GATE
1
2
3
5
4
6
7
8
TIMER
INPUT
STATUS
VCC
SILICON MONOLITHIC
INTEGRATED CIRCUIT
ORDERING INFORMATION
Device
Temperature
Range
Package
SO8
- 40
°C to+125°C
MC33198D
Block Diagram and Typical Application
LOGIC
Over
Detect
Volt
Under
Volt
Detect
Bias
Supply
Charge
Pump
Power
ON
Vcc
10
µA
80
µA
Ref
10
µA
100
µA
+
-
+
-
+
-
DRN
GATE
SRC
GND
TIMER
INPUT
STATUS
VCC
15V
VBAT
POWER
TMOS
LOAD
Rsrc
Rdrn
C
timer
5V
MCU
C2
C1
C3
Rpu
The MC33198D is a high side TMOS driver, dedicated for automotive appli-
cations. It is used in conjunction with an external power MOSFET for high
side drive applications. The device can drive and protect a large variety of
MOSFET. The device has CMOS compatible input control, charge pump to
drive the MOSFET gate, fault detection circuitry based on programmable
Vds monitoring to detect shorted load. It also includes a programmable timer
function to eliminate undesired switch off due to in rush currents and a status
pin which reports the output status in both on and off MOSFET state.
The device uses few external components and offers an economical solution
to large current high side switch. It also has PWM capability up to 1kHz.
•Designed for Automotive High Side Driver Application
•Works with a Wide Variety of N-Channel Power MOSFETs
•PWM Capability
•On Board Charge Pump Capable of Charging 25nF in less than 1ms
with No External Components Required
•Drive Inductive Load with No External Clamp Circuitry Required
•CMOS Logic Compatible Input Control
•TMOS Over Current and Short Circuit Protection
•Fault Output to Report an Over MOSFET Current Condition
•Output Status Available when MOSFET is On or Off
•Extended Temperature Range from -40
°C to 125°C
•Protected Against Automotive Transients with few External
Components
•Over Voltage and Under Voltage Shutdown
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33198

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33198D FREESCALE-MC33198D Datasheet
375Kb / 17P
Automotive High-Side TMOS Driver
More results

Similar Description - MC33198

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33385 MOTOROLA-MC33385 Datasheet
369Kb / 11P
Automotive Quad Low Side Driver
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
Automotive Dual High Side Driver
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
Automotive Dual High Side TMOS Driver
33198 FREESCALE-33198 Datasheet
375Kb / 17P
Automotive High-Side TMOS Driver
33285 FREESCALE-33285_07 Datasheet
317Kb / 13P
Dual High-Side TMOS Driver
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
Automotive Dual High Side Driver
logo
STMicroelectronics
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
Quad channel high side driver for automotive applications
25-Feb-2008
logo
Motorola, Inc
MC33091A MOTOROLA-MC33091A Datasheet
271Kb / 16P
HIGH?밪IDE TMOS DRIVER
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
Automotive octal low side driver or quad low side plus quad high side driver
18-Apr-2016
logo
ON Semiconductor
FAN7171-GF085 ONSEMI-FAN7171-GF085 Datasheet
1,003Kb / 10P
High-Side Automotive Gate Driver IC
December-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com