Electronic Components Datasheet Search
  English  ▼

X  

MC33198 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC33198
Description  Automotive High Side TMOS Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33198 Datasheet(HTML) 2 Page - Motorola, Inc

  MC33198 Datasheet HTML 1Page - Motorola, Inc MC33198 Datasheet HTML 2Page - Motorola, Inc MC33198 Datasheet HTML 3Page - Motorola, Inc MC33198 Datasheet HTML 4Page - Motorola, Inc MC33198 Datasheet HTML 5Page - Motorola, Inc MC33198 Datasheet HTML 6Page - Motorola, Inc MC33198 Datasheet HTML 7Page - Motorola, Inc MC33198 Datasheet HTML 8Page - Motorola, Inc MC33198 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC33198
MOTOROLA
2
MC33198
MAXIMUM RATINGS
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage (Pin 5)
Vcc
- 0,6 to 60
V
TMOS Source Voltage (Pin 1)
Vsrc
- 0,6 to 60
V
Comparator Threshold (Pin 2)
Vdrn
- 0,6 to 60
V
Gate Output Voltage (Pin 4)
Vgate
- 0,6 to 25
V
Input Voltage (Pin 7)
Vin
- 0,6 to 25
V
Status (Pin 6)
Vst
- 0,6 to 10
V
ESD Voltage Capability
V(ESD)
+/-2000
V
THERMAL RATINGS
Storage Temperature
Tstg
-55 to +150
°C
Operating Junction Temperature
Tj
-40 to +150
°C
Thermal Resistance J/A
Rj
145
°C
ELECTRICAL CHARACTERISTICS.Tamb from - 40
°C to +125°C, Vcc from 7V to 20V, unless otherwise note.Typical values reflect approximate
mean at 25
°C, nominal VCC, at time of device characterization.
Parameters
Symbol
Min
Typ
Max
Unit
SRC Pin 1
Leakage Current
Ilsrc
-10
10
µA
DRN Pin 2
Threshold Current
Ithr
54
81
102
uA
DRN Leakage, Input Off, Vcc Pin Open
Ileak
10
µA
GATE Pin 4
Output On Voltage at 1ms (Charge Pump ON)
Von
Vcc + 7
Vcc+15
V
Turn Off Current
- with NO Over Vds condition and Vout >0.5V
- with Over Vds condition and Vout >0.5V
Ioutn
Ioutw
70
5
110
10
150
15
µA
µA
Output Off Voltage.
(Charge Pump OFF and Vcc Pin Open)
Voff
0
0.9
V
Gate Discharge Current. (Vcc Pin Open)
Ioff
5
µA
Turn On Time
- Cl = 25nF ; 7V < Vcc < 10V ; Vout > Vcc+7
- Cl = 25nF ; 10V < Vcc < 20V ; Vout > Vcc+10
ton
1
1
ms
VCC Pin 5
Supply Voltage Range
Vcc
7
20
V
Quiescent Supply Current ; In = 0V
- at Vcc = 7V
- at Vcc = 20V
Iccq
1.8
2.8
4
6
mA
Supply Current ; In = 5V
Icc
1
35
mA
Over Voltage Threshold
Vov
22
28
34
V
Under Voltage Threshold
Vur
6
7
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com