Electronic Components Datasheet Search
  English  ▼

X  

33981 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 33981
Description  High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

33981 Datasheet(HTML) 2 Page - Motorola, Inc

  33981 Datasheet HTML 1Page - Motorola, Inc 33981 Datasheet HTML 2Page - Motorola, Inc 33981 Datasheet HTML 3Page - Motorola, Inc 33981 Datasheet HTML 4Page - Motorola, Inc 33981 Datasheet HTML 5Page - Motorola, Inc 33981 Datasheet HTML 6Page - Motorola, Inc 33981 Datasheet HTML 7Page - Motorola, Inc 33981 Datasheet HTML 8Page - Motorola, Inc 33981 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
33981
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
2
Figure 1. 33981 Simplified Internal Block Diagram
GND
OUT Current
Recopy
1/20000
Logic
Gate Driver
OUT
CSNS
VPWR
EN
INHS
INLS
CBOOT
Bootstrap Supply
Slew Rate Control
SR
Low-Side
Gate Driver
GLS
Undervoltage
FS
CONF
Cross-
Conduction
DLS
and Protection
TEMP
Temperature
Feedback
OCLS
Current Protection
100 A
Overtemperature
Detection
5.0 V
ICONF
IOCLS
IDWN
RDWN
5.0 V
Detection
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com