Electronic Components Datasheet Search
  English  ▼

X  

33981 Datasheet(PDF) 21 Page - Motorola, Inc

Part # 33981
Description  High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

33981 Datasheet(HTML) 21 Page - Motorola, Inc

Back Button 33981 Datasheet HTML 16Page - Motorola, Inc 33981 Datasheet HTML 17Page - Motorola, Inc 33981 Datasheet HTML 18Page - Motorola, Inc 33981 Datasheet HTML 19Page - Motorola, Inc 33981 Datasheet HTML 20Page - Motorola, Inc 33981 Datasheet HTML 21Page - Motorola, Inc 33981 Datasheet HTML 22Page - Motorola, Inc 33981 Datasheet HTML 23Page - Motorola, Inc 33981 Datasheet HTML 24Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33981
21
APPLICATIONS
Figure 18 shows a typical application for the 33981. A brush
DC motor is connected to the output. A low-side gate driver is
used for the freewheeling phase. Typical values for the external
capacitors and resistances are given.
Figure 18. 33981 Typical Application Diagram
MCU
33981
OUT
SR
EN
FS
INHS
CSNS
I/O
I/O
I/O
A/D
GND
VPWR
VDD
CBOOT
GLS
INLS
I/O
DLS
TEMP
A/D
CONF
OCLS
VPWR
VDD
M
2.2 nF
1.0 k
Ω
1.0 k
Ω
33 k
Ω
330
µF
100 nF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com