Electronic Components Datasheet Search
  English  ▼

X  

MCT2E Datasheet(PDF) 5 Page - Texas Instruments

Part # MCT2E
Description  OPTOCOUPLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT2E Datasheet(HTML) 5 Page - Texas Instruments

  MCT2E Datasheet HTML 1Page - Texas Instruments MCT2E Datasheet HTML 2Page - Texas Instruments MCT2E Datasheet HTML 3Page - Texas Instruments MCT2E Datasheet HTML 4Page - Texas Instruments MCT2E Datasheet HTML 5Page - Texas Instruments MCT2E Datasheet HTML 6Page - Texas Instruments MCT2E Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MCT2, MCT2E
OPTOCOUPLERS
SOES023 – MARCH 1983 – REVISED OCTOBER 1995
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL INFORMATION
The package consists of a gallium-arsenide infrared-emitting diode and an npn silicon phototransistor mounted
on a 6-lead frame encapsulated within an electrically nonconductive plastic compound. The case can withstand
soldering temperature with no deformation and device performance characteristics remain stable when
operated in high-humidity conditions. Unit weight is approximately 0.52 grams.
C
L
C
0,534 (0.021)
0,381 (0.015)
6 Places
Seating Plane
L
7,62 (0.300) T.P.
6,61 (0.260)
6,09 (0.240)
0,305 (0.012)
0,203 (0.008)
3,81 (0.150)
3,17 (0.125)
5,46 (0.215)
2,92 (0.115)
1,78 (0.070)
0,51 (0.020)
2,29 (0.090)
1,27 (0.050)
2,54 (0.100) T.P.
(see Note A)
1,01 (0.040) MIN
1,78 (0.070) MAX
6 Places
9,40 (0.370)
8,38 (0.330)
Index Dot
(see Note B)
105
°
90
°
1
2
3
6
5
4
(see Note C)
NOTES: A. Leads are within 0,13 (0.005) radius of true position (T.P.) with maximum material condition and unit installed.
B. Pin 1 identified by index dot.
C. Terminal connections:
1. Anode (part of the infrared-emitting diode)
2. Cathode (part of the infrared-emitting diode)
3. No internal connection
4. Emitter (part of the phototransistor)
5. Collector (part of the phototransistor)
6. Base (part of the phototransistor)
D. The dimensions given fall within JEDEC MO-001 AM dimensions.
E. All linear dimensions are given in millimeters and parenthetically given in inches.
Figure 5. Mechanical Information



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com