Electronic Components Datasheet Search
  English  ▼

X  

MCT2E Datasheet(PDF) 4 Page - Texas Instruments

Part # MCT2E
Description  OPTOCOUPLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT2E Datasheet(HTML) 4 Page - Texas Instruments

  MCT2E Datasheet HTML 1Page - Texas Instruments MCT2E Datasheet HTML 2Page - Texas Instruments MCT2E Datasheet HTML 3Page - Texas Instruments MCT2E Datasheet HTML 4Page - Texas Instruments MCT2E Datasheet HTML 5Page - Texas Instruments MCT2E Datasheet HTML 6Page - Texas Instruments MCT2E Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MCT2, MCT2E
OPTOCOUPLERS
SOES023 – MARCH 1983 – REVISED OCTOBER 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0.04
0.01
0.1
0.1
0.4
1
4
10
40
100
COLLECTOR CURRENT
vs
INPUT-DIODE FORWARD CURRENT
0.4
1
4
10
40
100
IF – Input-Diode Forward Current – mA
VCE = 10 V
IB = 0
TA = 25°C
Figure 2
Figure 3
30
20
10
0
0
2
4
6
8
10
12
40
50
COLLECTOR CURRENT
vs
COLLECTOR-EMITTER VOLTAGE
60
14
16
18
20
VCE – Collector-Emitter Voltage – V
Max Continuous
Power Dissipation
IF = 40 mA
IF = 30 mA
IF = 20 mA
IF = 20 mA
IB = 0
TA = 25°C
See Note A
NOTE A: Pulse operation of input diode is required for operation
beyond limits shown by dotted lines.
0.8
0.4
0.2
0
1.2
1.4
1.6
1
0.6
– 75
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VCE = 0.4 V to 10 V
IB = 0
IF = 10 mA
See Note B
NOTE B: These parameters were measured using pulse
techniques, tw = 1 ms, duty cycle ≤ 2 %.
ON-STATE COLLECTOR CURRENT
(RELATIVE TO VALUE AT 25
°C)
vs
FREE-AIR TEMPERATURE
Figure 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com