Electronic Components Datasheet Search
  English  ▼

X  

MIC2168MM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2168MM
Description  1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2168MM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2168MM Datasheet HTML 3Page - Micrel Semiconductor MIC2168MM Datasheet HTML 4Page - Micrel Semiconductor MIC2168MM Datasheet HTML 5Page - Micrel Semiconductor MIC2168MM Datasheet HTML 6Page - Micrel Semiconductor MIC2168MM Datasheet HTML 7Page - Micrel Semiconductor MIC2168MM Datasheet HTML 8Page - Micrel Semiconductor MIC2168MM Datasheet HTML 9Page - Micrel Semiconductor MIC2168MM Datasheet HTML 10Page - Micrel Semiconductor MIC2168MM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
November 2003
7
M9999-111803
MIC2168
Micrel
0.65V. After this counting cycle the COMP current source is
reduced to 8.5
µA and the COMP pin voltage rises from 0.65V
to 0.95V, the bottom edge of the saw-tooth oscillator. This is
the beginning of 0% duty cycle and it increases slowly
causing the output voltage to rise slowly. The MIC2168 has
two hysteretic comparators that are enabled when V
OUT is
within
±3% of steady state. When the output voltage reaches
97% of programmed output voltage, then the g
m error ampli-
fier is enabled along with the hysteretic comparator. This
point onwards, the voltage control loop (g
m error amplifier) is
fully in control and will regulate the output voltage.
Soft-start time can be calculated approximately by adding the
following four time frames:
t1 = Cap_COMP
× 0.18V/8.5µA
t2 = 12 bit counter, approx 2ms
t3 = Cap_COMP
× 0.3V/8.5µA
t4
V
V
0.5
Cap_COMP
8.5 A
OUT
IN
=


××
µ
Soft-Start Time(Cap_COMP=100nF) = t1 + t2 + t3 +
t4 = 2.1ms + 2ms + 3.5ms + 1.8ms = 10ms
Current Limit
The MIC2168 uses the R
DS(ON) of the top power MOSFET to
measure output current. Since it uses the drain to source
resistance of the power MOSFET, it is not very accurate. This
scheme is adequate to protect the power supply and external
components during a fault condition by cutting back the time
the top MOSFET is on if the feedback voltage is greater than
0.67V. In case of a hard short when feedback voltage is less
than 0.67V, the MIC2168 discharges the COMP capacitor to
0.65V, resets the digital counter and automatically shuts off
the top gate drive, and the g
m error amplifier and the –3%
hysteretic comparators are completely disabled and the soft-
start cycles restarts. This mode of operation is called the
“hiccup mode” and its purpose is to protect the down stream
load in case of a hard short. The circuit in Figure 1 illustrates
the MIC2168 current limiting circuit.
L1 Inductor
VIN
HSD
LSD
RCS
CS
200µA
0
C2
CIN
C1
COUT
Q1
MOSFET N
Q2
MOSFET N
VOUT
Figure 1. The MIC2168 Current Limiting Circuit
The current limiting resistor R
CS is calculated by the following
equation:
R
RI
200 A
CS
DS(ON) Q1
L
=
×
µ
Equation (1)
II
1
2 Inductor Ripple Current
L
LOAD
=+ ()
where:
Inductor Ripple Current = V
V
– V
VF
L
OUT
IN
OUT
IN
SWITCHING
×
()
××
F
SWITCHING = 1MHz
200
µA is the internal sink current to program the MIC2168
current limit.
The MOSFET R
DS(ON) varies 30% to 40% with temperature;
therefore, it is recommended to add a 50% margin to the load
current (I
LOAD) in the above equation to avoid false current
limiting due to increased MOSFET junction temperature rise.
It is also recommended to connect R
CS resistor directly to the
drain of the top MOSFET Q1, and the R
SW resistor to the
source of Q1 to accurately sense the MOSFETs R
DS(ON). A
0.1
µF capacitor in parallel with R
CS should be connected to
filter some of the switching noise.
Internal V
DD Supply
The MIC2168 controller internally generates V
DD for self
biasing and to provide power to the gate drives. This V
DD
supply is generated through a low-dropout regulator and
generates 5V from V
IN supply greater than 5V. For supply
voltage less than 5V, the V
DD linear regulator is approxi-
mately 200mV in dropout. Therefore, it is recommended to
short the V
DD supply to the input supply through a 10Ω
resistor for input supplies between 2.9V to 5V.
MOSFET Gate Drive
The MIC2168 high-side drive circuit is designed to switch an
N-Channel MOSFET. The block diagram in Figure 2 shows
a bootstrap circuit, consisting of D2 and CBST, supplies
energy to the high-side drive circuit. Capacitor CBST is
charged while the low-side MOSFET is on and the voltage on
the VSW pin is approximately 0V. When the high-side
MOSFET driver is turned on, energy from CBST is used to
turn the MOSFET on. As the MOSFET turns on, the voltage
on the VSW pin increases to approximately V
IN. Diode D2 is
reversed biased and CBST floats high while continuing to
keep the high-side MOSFET on. When the low-side switch is
turned back on, CBST is recharged through D2. The drive
voltage is derived from the internal 5V V
DD bias supply. The
nominal low-side gate drive voltage is 5V and the nominal
high-side gate drive voltage is approximately 4.5V due the
voltage drop across D2. An approximate 20ns delay between
the high- and low-side driver transitions is used to prevent
current from simultaneously flowing unimpeded through both
MOSFETs.
MOSFET Selection
The MIC2168 controller works from input voltages of 3V to
13.2V and has an internal 5V regulator to provide power to
turn the external N-Channel power MOSFETs for high- and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com