Electronic Components Datasheet Search
  English  ▼

X  

MIC2168MM Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2168MM
Description  1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2168MM Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2168MM Datasheet HTML 5Page - Micrel Semiconductor MIC2168MM Datasheet HTML 6Page - Micrel Semiconductor MIC2168MM Datasheet HTML 7Page - Micrel Semiconductor MIC2168MM Datasheet HTML 8Page - Micrel Semiconductor MIC2168MM Datasheet HTML 9Page - Micrel Semiconductor MIC2168MM Datasheet HTML 10Page - Micrel Semiconductor MIC2168MM Datasheet HTML 11Page - Micrel Semiconductor MIC2168MM Datasheet HTML 12Page - Micrel Semiconductor MIC2168MM Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
November 2003
9
M9999-111803
MIC2168
Micrel
The peak-to-peak inductor current (AC ripple current) is:
I
V
(V max
V
)
V max
f
L
PP
OUT
IN
OUT
IN
S
=
×−
××
()
()
The peak inductor current is equal to the average output
current plus one half of the peak-to-peak inductor ripple
current.
I
I
max
0.5 I
PK
OUT
PP
=+
×
()
The RMS inductor current is used to calculate the I2
× R
losses in the inductor.
I
I
max
1
1
3
I
I
max
INDUCTOR(rms)
OUT
P
OUT
2
=×
+


()
()
Maximizing efficiency requires the proper selection of core
material and minimizing the winding resistance. The high
frequency operation of the MIC2168 requires the use of ferrite
materials for all but the most cost sensitive applications.
Lower cost iron powder cores may be used but the increase
in core loss will reduce the efficiency of the power supply. This
is especially noticeable at low output power. The winding
resistance decreases efficiency at the higher output current
levels. The winding resistance must be minimized although
this usually comes at the expense of a larger inductor. The
power dissipated in the inductor is equal to the sum of the core
and copper losses. At higher output loads, the core losses are
usually insignificant and can be ignored. At lower output
currents, the core losses can be a significant contributor.
Core loss information is usually available from the magnetics
vendor. Copper loss in the inductor is calculated by the
equation below:
PI
R
INDUCTORCu
INDUCTOR(rms)
WINDING
2
=×
The resistance of the copper wire, R
WINDING, increases with
temperature. The value of the winding resistance used should
be at the operating temperature.
R
R
1 0.0042 (T
T
)
WINDING(hot)
WINDING(20 C)
HOT
20 C
=× +
×
−
()
°°
where:
T
HOT = temperature of the wire under operating load
T
20
°C = ambient temperature
R
WINDING(20
°C) is room temperature winding resistance (usu-
ally specified by the manufacturer)
Output Capacitor Selection
The output capacitor values are usually determined capaci-
tors ESR (equivalent series resistance). Voltage and RMS
current capability are two other important factors selecting
the output capacitor. Recommended capacitors tantalum,
low-ESR aluminum electrolytics, and POSCAPS. The output
capacitor’s ESR is usually the main cause of output ripple.
The output capacitor ESR also affects the overall voltage
feedback loop from stability point of view. See
“Feedback
Loop Compensation” section for more information. The
maximum value of ESR is calculated:
R
V
I
ESR
OUT
PP
≤
∆
where:
V
OUT = peak-to-peak output voltage ripple
I
PP = peak-to-peak inductor ripple current
The total output ripple is a combination of the ESR output
capacitance. The total ripple is calculated below:
∆V
I(1 D)
Cf
IR
OUT
PP
OUT
S
2
PP
ESR
2
=
×−
×
 +×
()
where:
D = duty cycle
C
OUT = output capacitance value
f
S = switching frequency
The voltage rating of capacitor should be twice the voltage for
a tantalum and 20% greater for an aluminum electrolytic.
The output capacitor RMS current is calculated below:
I
I
12
C
PP
OUT(rms)
=
The power dissipated in the output capacitor is:
PI
R
DISS(C
C
ESR(C
)
OUT
OUT(rms)2
OUT
) =×
Input Capacitor Selection
The input capacitor should be selected for ripple current
rating and voltage rating. Tantalum input capacitors may fail
when subjected to high inrush currents, caused by turning the
input supply on. Tantalum input capacitor voltage rating
should be at least 2 times the maximum input voltage to
maximize reliability. Aluminum electrolytic, OS-CON, and
multilayer polymer film capacitors can handle the higher
inrush currents without voltage derating. The input voltage
ripple will primarily depend on the input capacitor’s ESR. The
peak input current is equal to the peak inductor current, so:
∆VI
R
IN
INDUCTOR(peak)
ESR(C )
IN
=×
The input capacitor must be rated for the input current ripple.
The RMS value of input capacitor current is determined at the
maximum output current. Assuming the peak-to-peak induc-
tor ripple current is low:
I
I
max
D (1 D)
C (rms)
OUT
IN
≈×
× −
()
The power dissipated in the input capacitor is:
PI
R
DISS(C )
C (rms)
ESR(C )
IN
IN
2
IN
=×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com