Electronic Components Datasheet Search
  English  ▼

X  

RT9465 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9465
Description  3A Single Cell Li-on Battery Slave Switching Charg
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9465 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9465 Datasheet HTML 1Page - Richtek Technology Corporation RT9465 Datasheet HTML 2Page - Richtek Technology Corporation RT9465 Datasheet HTML 3Page - Richtek Technology Corporation RT9465 Datasheet HTML 4Page - Richtek Technology Corporation RT9465 Datasheet HTML 5Page - Richtek Technology Corporation RT9465 Datasheet HTML 6Page - Richtek Technology Corporation RT9465 Datasheet HTML 7Page - Richtek Technology Corporation RT9465 Datasheet HTML 8Page - Richtek Technology Corporation RT9465 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
RT9465
®
DS9465-00 May 2017
www.richtek.com
1
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Marking Information
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
3A Single Cell Li-on Battery Slave Switching Charger
General Description
The RT9465 is a switch-mode single cell li-Ion/Li-Polymer
battery charger for portable applications. It integrates a
synchronous PWM controller, and high accuracy voltage
regulation. Besides, the charging current is regulated
through the integrated sensing resistors.
The RT9465 optimizes the charging task by using a control
algorithm to vary the charge rate via different modes,
including fast charge mode, and constant voltage mode.
The key charge parameters are programmable via the I2C
interface. The junction temperature is monitored by I2C.
Other features include under-voltage protection, over-
voltage protection (including VBAT and VBUS side), thermal
regulation and reverse leakage protection and MIVR.
The RT9465 is available in a WQFN-16L 3x3 Package.
Package Type
QW : WQFN-16L 3x3 (W-Type)
RT9465
Lead Plating System
G : Green (Halogen Free and Pb Free)
Features
Input Voltage Range : 3.9V to 14V
Synchronous 1.5MHz/0.75MHz Switching Frequency
95% Max. Duty
Up to 92%/94% Peak Efficiency at VIN = 9V/5V
VIN Over-Voltage Protection : 14.5V
VIN Under-Voltage Protection : 3.8V
VIN Under-Voltage-Lock-Out : 3.3V
Fault Detection (VIN and VBAT Monitoring)
INT Output for Communication with I2C
Programmable Minimum Input Voltage Range :
3.9V to 13.4V (0.1V/Step)
Programmable Battery Voltage Regulation Range :
3.8V to 5.06V (0.02V/Step)
Programmable End of Charge Range : 0.6A to 1.6A
(0.1A/Step)
Programmable Average Output Current Regulation
Range : 0.6A to 3A (0.1A/Step)
Junction Temperature Monitor : 60
°°°°°C to 116°°°°°C (4°°°°°C/
Step)
VIN Minimum Input Voltage Regulation (MIVR) :
±±±±±3%
Battery CV (Constant Voltage) Regulation :
±±±±±1%
Output CC (Constant Current) Regulation, Output
Current < 1A :
±±±±±100mA (VBUS = 9V/12V)
Output CC (Constant Current) Regulation, Output
Current > 1A :
±±±±±10% (VBUS = 9V/12V)
Junction Temperature Monitor :
±±±±±3°°°°°C
Thermal Shutdown : 160
°°°°°C
Applications
Cellular Telephones
Personal Information Appliances
Tablet PC, Power Bank
Portable Instruments
K7=YM
DNN
K7= : Product Code
YMDNN : Date Code


Similar Part No. - RT9465

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
Switch-Mode Single Cell Li-Ion Charger
RT9460WSC RICHTEK-RT9460WSC Datasheet
359Kb / 33P
Switch-Mode Single Cell Li-Ion Charger
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
RT9468GQW RICHTEK-RT9468GQW Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
More results

Similar Description - RT9465

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
SINGLE-CELL LI-ION AND LI-POL BATTERY
logo
Monolithic Power System...
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ24261 TI1-BQ24261 Datasheet
6Mb / 46P
3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
BQ24266 TI-BQ24266_15 Datasheet
5Mb / 41P
bq24266 3A, 30V Standalone Single-Input, Single-Cell Switchmode Li-Ion Battery Charger
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
Single Cell Li-Ion and Li-Pol Battery Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
logo
Monolithic Power System...
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
logo
Shenzhen Huazhimei Semi...
HM5519 HMSEMI-HM5519 Datasheet
1Mb / 6P
Single-cell Li-ion/Li-polymer battery protection IC
logo
AnaSem Hong Kong Limite...
A7B ANASEM-A7B Datasheet
223Kb / 23P
Single-cell Li-ion / Li-polymer Battery Protection IC
Rev. E09-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com