Electronic Components Datasheet Search
  English  ▼

X  

RT9465 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT9465
Description  3A Single Cell Li-on Battery Slave Switching Charg
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9465 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT9465 Datasheet HTML 17Page - Richtek Technology Corporation RT9465 Datasheet HTML 18Page - Richtek Technology Corporation RT9465 Datasheet HTML 19Page - Richtek Technology Corporation RT9465 Datasheet HTML 20Page - Richtek Technology Corporation RT9465 Datasheet HTML 21Page - Richtek Technology Corporation RT9465 Datasheet HTML 22Page - Richtek Technology Corporation RT9465 Datasheet HTML 23Page - Richtek Technology Corporation RT9465 Datasheet HTML 24Page - Richtek Technology Corporation RT9465 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
RT9465
21
DS9465-00 May 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Name
Function
Addr
Reset
SYSTEM1
CHG1
0x20
0xC0
Bit
Type
Name
Reset Value
Description
[7:6]
R
CHG_STAT
11
Charger status bit
00 : Ready
01 : Charge in progress
10 : Charge done
11 : Fault
[5:4]
R/W
Reserved
00
Reserved
[3:1]
R
VERSION[2:0]
000
Version Code
0
R
TRIMDONE
0
TRIMDONE
Name
Function
Addr
Reset
CHG_STATC
CHG1
0x30
0x00
Bit
Type
Name
Reset Value
Description
7
R
PWR_RDY
0
Power ready status bit
0 : Input power is bad, VIN < VDDAUVLO2
1 : Input power is good, VIN > VDDAUVLO2
6
R
CHG_MIVR
0
Charger warning. Input voltage MIVR loop active.
0 : MIVR loop is not active
1 : MIVR loop is active
5
R
CHG_TREG
0
Charger warning. Thermal regulation loop active.
0 : Thermal regulation loop is not active
1 : Thermal regulation loop is active
[4:0]
R/W
Reserved
00000
Reserved
Name
Function
Addr
Reset
CHG_FAULT
CHG2
0x31
0x00
Bit
Type
Name
Reset Value
Description
7
R
CHG_VBUSOV
0
VBUS over-voltage protection. Set when VBUS > VIN_OVP
is detected.
0 : VBUS is not over-voltage
1 : VBUS is over-voltage
6
R
CHG_VBATOV
0
Charger fault. Battery OVP.
0 : Battery is not OVP
1 : Battery is OVP
4
R
CHG_VBATSUV
0
Charger fault. Battery UVP.
0 : Battery is not UVP
1 : Battery is UVP
[4:0]
R/W
Reserved
00000
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com