Electronic Components Datasheet Search
  English  ▼

X  

RT9480 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9480
Description  Easy to Use Power Bank Solution Integrated Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9480 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9480 Datasheet HTML 1Page - Richtek Technology Corporation RT9480 Datasheet HTML 2Page - Richtek Technology Corporation RT9480 Datasheet HTML 3Page - Richtek Technology Corporation RT9480 Datasheet HTML 4Page - Richtek Technology Corporation RT9480 Datasheet HTML 5Page - Richtek Technology Corporation RT9480 Datasheet HTML 6Page - Richtek Technology Corporation RT9480 Datasheet HTML 7Page - Richtek Technology Corporation RT9480 Datasheet HTML 8Page - Richtek Technology Corporation RT9480 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT9480
®
DS9480-05
February 2017
www.richtek.com
1
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Easy to Use Power Bank Solution (EZPBSTM) Integrated Chip
with Two Ports Output
General Description
The RT9480 is a high integration and easy to use power
solution for Li-ion power bank and other powered handheld
applications. We call it EZPBSTM (Easy to Use Power
Bank Solution). This single chip includes a linear charger,
a synchronous Boost with dual output load management
and a torch function support. The battery volume and the
state of charging and discharging can be indicated by
4LEDs. The RT9480 is available in the WQFN-24L 4x4
package.
Simplified Application Circuit
Features
EZPBSTM (Easy to Use Power Bank Solution)
Compact BOM Elements with EZPBSTM Single Chip
Protection Functions (OTP, OVP, OCP, VBUS and
Output Short Protection)
Support Charging and Discharging at the same time
by Smart Algorithm
Charger
One Linear Charger up to 1.2A
DPM Function (Dynamic Power Management)
Thermal Regulation
Auto-Recharge
Support JEITA Function
USB Output
Support Dual USB Output
Auto and Button Control
Sync-Boost Total Output Current up to 2.5A

Peak Efficiency 97%
Battery State of Charge (SOC) Indicator
Battery SOC Detection
Support NTC for Battery Temperature Sensing
4LEDs for Battery SOC Display
Other Functions
Torch Functions
Applications
Li-ion Power Bank
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT9480
Package Type
QW : WQFN-24L 4x4 (W-Type)
(Exposed Pad-Option 2)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Serial Number
VBAT
VBUS
RT9480
LEDx
VMID
LXBST
GND
BUTTON
USBOUT1
USBOUT2
SWIN2
TORCH
Input Power
Battery
CIN
Battery
USB Port 1
LED Indicator
USB Port 2
Torch Function
C1
CVMID
L1
CBAT


Similar Part No. - RT9480

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
Easy to Use Power Bank Solution
RT9480GQW RICHTEK-RT9480GQW Datasheet
657Kb / 7P
Dual Output Power Bank Reference Design Using RT9480
More results

Similar Description - RT9480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ1420XEXT NSC-LMZ1420XEXT Datasheet
748Kb / 10P
Evaluation Board power modules are easy-to-use DC-DC solution
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
Easy to Use Power Bank Solution
RT9481 RICHTEK-RT9481 Datasheet
1Mb / 41P
Easy to Use Power Bank Solution
RT9483 RICHTEK-RT9483 Datasheet
187Kb / 16P
Easy to Use Power Bank Solution
logo
Active-Semi, Inc
ACT2813 ACTIVE-SEMI-ACT2813 Datasheet
646Kb / 23P
5V/2.4A Power Bank Solution
Rev 2, 19-May-15
ACT2813 ACTIVE-SEMI-ACT2813_15 Datasheet
645Kb / 23P
5V/2.4A Power Bank Solution
Rev 2, 19-May-15
logo
Generalplus Technology ...
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
Easy-to-use SOUNDPLUS
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com