Electronic Components Datasheet Search
  English  ▼

X  

RT9480 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9480
Description  Easy to Use Power Bank Solution Integrated Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9480 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9480 Datasheet HTML 8Page - Richtek Technology Corporation RT9480 Datasheet HTML 9Page - Richtek Technology Corporation RT9480 Datasheet HTML 10Page - Richtek Technology Corporation RT9480 Datasheet HTML 11Page - Richtek Technology Corporation RT9480 Datasheet HTML 12Page - Richtek Technology Corporation RT9480 Datasheet HTML 13Page - Richtek Technology Corporation RT9480 Datasheet HTML 14Page - Richtek Technology Corporation RT9480 Datasheet HTML 15Page - Richtek Technology Corporation RT9480 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
RT9480
12
DS9480-05
February 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation Method
Charge Mode : VBUS in and charging battery
Discharge Mode : USBOUT in and discharging for handheld
Chg-Dchg Mode : VBUS and USBOUT in, charging battery
and discharging handheld at the same time
Relax Mode : VBUS and USBOUT plug out
Button Mode
Button mode : When external handheld device plug in for
power bank, the USBOUT will turns on by button.
If device attched, RT9480 will count 12 hours
(RT9480GQW or AA02) or 3sec (AA01 or AA03) to turn
off USBOUT after detach.
AA01 and AA03. Please reference Product Name List.
Attach mean device plug in and loading > 100mA.
Detach mean device plug out and loading < 50mA.
Function
Button
Action
Description
Charging
NA
Micro-USB Adapter
plug-in : ON
After plugging in the external power source, the power
bank will be
charged automatically without pressing the
button, and the LED battery
indicator lights up at the
same time.
Micro-USB Adapter
plug-out : OFF
After unplugging the external power source, the power
bank stops being charged automatically without pressing
the button, and the LED battery indicator fades out at the
same time.
Discharging
0.1s
USB slave plug-in : ON
After plugging in the H/H device and pressing the button,
the power bank starts to charge the device.
USB slave plug-out : OFF
After unplugging the H/H device, the power bank stops
charging the device automatically without pressing the
button.
Check Battery
Capacity
0.1s
Press the button (short
press) one time : ON
Press the button (short press), the LED battery indicator
lights up.
After 20sec : OFF
After 20sec, the LED battery indicator fades out.
Torch
0.1s 0.1s
Double click the button
(short press) : ON
Double click the button (short press), the torch light lights
up.
Double click the button
(short press : OFF
Double click the button (short press) again, the torch light
fades out.
Button Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com