Electronic Components Datasheet Search
  English  ▼

X  

S8550 Datasheet(PDF) 1 Page - First Components International

Part # S8550
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

S8550 Datasheet(HTML) 1 Page - First Components International

  S8550 Datasheet HTML 1Page - First Components International S8550 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC S8550
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R201-014,A
LOW VOLTAGE HIGH CURRENT
SMALL SIGNAL PNP
TRANSISTOR
DESCRIPTION
The UTC S8550 is a low voltage high current small
signal
PNP transistor, designed for Class B push-pull
audio amplifier and general purpose applications.
FEATURES
*Collector current up to 700mA
*Collector-Emitter voltage up to 20 V
*Complementary to UTC S8050
TO-92
1
1:EMITTER 2:BASE 3: COLLECTOR
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETERS
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5
V
Collector Dissipation(Ta=25
°C)
Pc
1
W
Collector Current
Ic
-700
mA
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
ELECTRICAL CHARACTERISTICS(Ta=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
Ic=-100
µA,IE=0
-30
V
Collector-Emitter Breakdown Voltage
BVCEO
Ic=-1mA,IB=0
-20
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-100
µA,Ic=0
-5
V
Collector Cut-Off Current
ICBO
VCB=-30V,IE=0
-1
µA
Emitter Cut-Off Current
IEBO
VEB=-5V,Ic=0
-100
nA
DC Current Gain(note)
hFE1
hFE2
hFE3
VCE=-1V,Ic=-1mA
VCE=-1V,Ic=-150 mA
VCE=-1V,Ic=-500mA
100
120
40
110
400
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=-500mA,IB=-50mA
-0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
Ic=500mA,IB=-50mA
-1.2
V
Base-Emitter Saturation Voltage
VBE
VCE=-1V,Ic=-10mA
-1.0
V
Current Gain Bandwidth Product
fT
VCE=-10V,Ic=-50mA
100
MHz
Output Capacitance
Cob
VCB=10V,IE=0
f=1MHz
9.0
pF


Similar Part No. - S8550

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
S8550 WINGS-S8550 Datasheet
86Kb / 1P
TRANSISTOR (PNP)
logo
Weitron Technology
S8550 WEITRON-S8550 Datasheet
1Mb / 4P
PNP General Purpose Transistors
logo
Unisonic Technologies
S8550 UTC-S8550 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
logo
Hamamatsu Corporation
S8550 HAMAMATSU-S8550 Datasheet
103Kb / 2P
4 횞 8 element APD array with low noise and enhanced short-wavelength sensitivity
logo
Galaxy Semi-Conductor H...
S8550 BILIN-S8550 Datasheet
323Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - S8550

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com