Electronic Components Datasheet Search
  English  ▼

X  

MPC942C Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC942C
Description  LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC942C Datasheet(HTML) 1 Page - Motorola, Inc

  MPC942C Datasheet HTML 1Page - Motorola, Inc MPC942C Datasheet HTML 2Page - Motorola, Inc MPC942C Datasheet HTML 3Page - Motorola, Inc MPC942C Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MPC942C/D
1
REV 0
© Motorola, Inc. 2001
02/01
Low Voltage 1:18 Clock
Distribution Chip
The MPC942 is a 1:18 low voltage clock distribution chip with 2.5V or
3.3V LVCMOS output capabilities. The device is offered in two versions;
the MPC942C has an LVCMOS input clock while the MPC942P has a
LVPECL input clock. The 18 outputs are 2.5V or 3.3V LVCMOS
compatible and feature the drive strength to drive 50
Ω series or parallel
terminated transmission lines. With output–to–output skews of 200ps, the
MPC942 is ideal as a clock distribution chip for the most demanding of
synchronous systems. The 2.5V outputs also make the device ideal for
supplying clocks for a high performance Pentium II
™ microprocessor
based design.
• LVCMOS/LVTTL Clock Input
• 2.5V LVCMOS Outputs for Pentium II Microprocessor Support
• 150ps Maximum Targeted Output–to–Output Skew
• Maximum Output Frequency of 250MHz @ 3.3 VCC
• 32–Lead TQFP Packaging
• Single 3.3V or 2.5V Supply
With a low output impedance (
≈12Ω), in both the HIGH and LOW logic
states, the output buffers of the MPC942 are ideal for driving series
terminated transmission lines. With an output impedance of 12
Ω the
MPC942 can drive two series terminated transmission lines from each
output. This capability gives the MPC942 an effective fanout of 1:36. The
MPC942 provides enough copies of low skew clocks for most high
performance synchronous systems.
The LVCMOS/LVTTL input of the MPC942C provides a more standard LVCMOS interface. The OE pins will place the outputs
into a high impedance state. The OE pin has an internal pullup resistor.
The MPC942 is a single supply device. The VCC power pins require either 2.5V or 3.3V. The 32–lead TQFP package was
chosen to optimize performance, board space and cost of the device. The 32–lead TQFP has a 7x7mm body size with a
conservative 0.8mm pin spacing.
Pentium II is a trademark of Intel Corporation.
MPC942C
LOW VOLTAGE
1:18 CLOCK
DISTRIBUTION CHIP
FA SUFFIX
32–LEAD TQFP PACKAGE
CASE 873A–02
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC942C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC942C RENESAS-MPC942C Datasheet
350Kb / 7P
Low Voltage, 1:18 Clock Distribution Chip
October 4, 2016
More results

Similar Description - MPC942C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942C ALSC-ASM2I9942C Datasheet
431Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
logo
Integrated Device Techn...
MPC940L IDT-MPC940L Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com