Electronic Components Datasheet Search
  English  ▼

X  

MPC942C Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC942C
Description  LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC942C Datasheet(HTML) 3 Page - Motorola, Inc

  MPC942C Datasheet HTML 1Page - Motorola, Inc MPC942C Datasheet HTML 2Page - Motorola, Inc MPC942C Datasheet HTML 3Page - Motorola, Inc MPC942C Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPC942C
TIMING SOLUTIONS
DL207 — Rev 0
3
MOTOROLA
DC CHARACTERISTICS (TA = 0° to 70°C, VCCI = 2.5V ±5%, VCCO = 2.5V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
2.0
VCCI
V
VIL
Input LOW Voltage
0.8
V
VOH
Output HIGH Voltage
2.0
V
IOH = –16 mA
VOL
Output LOW Voltage
0.5
V
IOL = 16 mA
IIN
Input Current
±200
µA
CIN
Input Capacitance
4.0
pF
CPD
Power Dissipation Capacitance
14
pF
Per Output
ZOUT
Output Impedance
12
W
ICC
Maximum Quiescent Supply Current
0.5
mA
AC CHARACTERISTICS (TA = 0° to 70°C, VCCI = 2.5V ±5%, VCCO = 2.5V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Frequency
200
MHz
tPLH
Propagation Delay
1.5
2.8
ns
tsk(o)
Output–to–Output Skew
200
ps
tsk(pr)
Part–to–Part Skew
1.3
ns
Notes 1, 2
tsk(pr)
Part–to–Part Skew
600
ps
Notes 1, 3
dt
Duty Cycle
45
55
%
tr, tf
Output Rise/Fall Time
0.2
1.0
ns
DC CHARACTERISTICS (TA = 0° to 70°C, VCCI = 3.3V ±5%, VCCO = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
2.4
VCCI
V
VIL
Input LOW Voltage
0.8
V
VOH
Output HIGH Voltage
2.4
V
IOH = –20 mA
VOL
Output LOW Voltage
0.5
V
IOL = 20 mA
IIN
Input Current
±200
µA
CIN
Input Capacitance
4.0
pF
CPD
Power Dissipation Capacitance
14
pF
Per Output
ZOUT
Output Impedance
12
W
ICC
Maximum Quiescent Supply Current
0.5
mA
AC CHARACTERISTICS (TA = 0° to 70°C, VCCI = 3.3V ±5%, VCCO = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Frequency
250
MHz
tPLH
Propagation Delay
1.3
2.3
ns
Note 1
tsk(o)
Output–to–Output Skew
200
ps
tsk(pr)
Part–to–Part Skew
1.0
ns
Notes 1, 2
tsk(pr)
Part–to–Part Skew
500
ps
Notes 1, 3
dt
Duty Cycle
45
55
%
tr, tf
Output Rise/Fall Time
0.2
1.0
ns
1. Tested using standard input levels, production tested @ 133 MHz.
2. Across temperature and voltage ranges, includes output skew.
3. For a specific temperature and voltage, includes output skew.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com