Electronic Components Datasheet Search
  English  ▼

X  

RT4531 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT4531
Description  Dual Channel 10s2p WLED Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4531 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT4531 Datasheet HTML 3Page - Richtek Technology Corporation RT4531 Datasheet HTML 4Page - Richtek Technology Corporation RT4531 Datasheet HTML 5Page - Richtek Technology Corporation RT4531 Datasheet HTML 6Page - Richtek Technology Corporation RT4531 Datasheet HTML 7Page - Richtek Technology Corporation RT4531 Datasheet HTML 8Page - Richtek Technology Corporation RT4531 Datasheet HTML 9Page - Richtek Technology Corporation RT4531 Datasheet HTML 10Page - Richtek Technology Corporation RT4531 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
RT4531
DS4531-01
July 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Switching Frequency vs. Input Voltage
0.7
0.8
0.9
1.0
1.1
1.2
1.3
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Switching Frequency vs. Temperature
0.88
0.93
0.98
1.03
1.08
1.13
-50
-25
0
25
50
75
100
125
Temperature (°C)
Sense Voltage vs. Output Current
0.310
0.311
0.312
0.313
0.314
0.315
0
2.5
5
7.5
10
12.5
15
17.5
20
Output Current (mA)
Dimming Linearity
0.000
0.002
0.004
0.006
0.008
0.010
0.012
0.014
0.016
0.018
0.020
0.022
0
2040
6080
100
Dimming Duty Cycle (%)
VIN = 3.6V
ILED1
ILED2
Efficiency vs. Output Current
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
0
0
0
0.01 0.01 0.01 0.01 0.01 0.02 0.02 0.02
Output Current (A)
VIN = 3.6V, VOUT = 31V, 10s2p, 20mA/string
Efficiency vs. Input Voltage
50
55
60
65
70
75
80
85
90
95
100
2.5
3
3.5
4
4.5
5
5.5
Input Voltage(V)
VOUT = 31V, 10s2p
ILED = 20mA
ILED = 10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com