Electronic Components Datasheet Search
  English  ▼

X  

RT4531 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT4531
Description  Dual Channel 10s2p WLED Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4531 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT4531 Datasheet HTML 1Page - Richtek Technology Corporation RT4531 Datasheet HTML 2Page - Richtek Technology Corporation RT4531 Datasheet HTML 3Page - Richtek Technology Corporation RT4531 Datasheet HTML 4Page - Richtek Technology Corporation RT4531 Datasheet HTML 5Page - Richtek Technology Corporation RT4531 Datasheet HTML 6Page - Richtek Technology Corporation RT4531 Datasheet HTML 7Page - Richtek Technology Corporation RT4531 Datasheet HTML 8Page - Richtek Technology Corporation RT4531 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
RT4531
DS4531-01
July 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Operation
The RT4531 is a high efficiency solution with 10S2P string
for backlight applications. The RT4531 optimizes the
feedback regulation voltage to provide high efficiency and
also keep high current matching. The RT4531 can receive
either the 1-wire dimming at EN pin or PWM dimming at
PWM pin for brightness dimming. If the 1-wire dimming is
selected, the PWM pin should be kept high; If the PWM
dimming is selected, the EN pin should be kept high.
OCP Protection
The RT4531 features a 1.5A OCP. The driver provides
cycle-by-cycle current limit function to control the current
on power switch. The boost switch turns off when the
inductor current reaches this current threshold and it
remains off until the beginning of the next switching cycle.
This protects the RT4531 and external component under
overload conditions.
OTP Protection
The OTP function will disable boost and current source
when the junction temperature exceeds 150
°C. Then
restart to soft-start when the junction temperature is
smaller than 135
°C.
OVP Protection
The OVP function monitors the SW pin's voltage. Once it
exceeds OVP threshold = 36.5V twice, the boost and
current source will be latched off. Until PWM or EN go
high from low again, the latch state will be released.
1-wire Brightness Dimming
The RT4531 is built-in a 10-bit resolution brightness
control. The EN pin features a simple 1-wire interface to
allow digital brightness control. If the 1-wire dimming is
needed, signals of a specific pattern should be input
detection window into EN pin; Otherwise, PWM pin need
to be enabled.(refer to Timing Diagram1 for Continuous
Coding).The Register Program and register map give an
overview of the protocol used by RT4531.
PWM Brightness Dimming
Besides programmable built-in 1-wire backlight LED
current control, the RT4531 features a built-in PWM
dimming current control by PWM pin, offering a linear
current dimming by external clock source. In order to
guarantee the PWM dimming resolution, recommending
PWM dimming frequency have to be operated at range of
20kHz to 100kHz.
Control
Logic
EN
Current Source/
FB Short Detect
IFB1
IFB2
SW
BL
PWM/Drv
GND
UVLO
VIN
OCP
OSC
MINFB
PWM
Logic
DC to DC Core
ISET
PWM
ISET
FB
OVP
OTP
OVP
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com