Electronic Components Datasheet Search
  English  ▼

X  

RT9146 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9146
Description  Rail-to-Rail Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9146 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9146 Datasheet HTML 1Page - Richtek Technology Corporation RT9146 Datasheet HTML 2Page - Richtek Technology Corporation RT9146 Datasheet HTML 3Page - Richtek Technology Corporation RT9146 Datasheet HTML 4Page - Richtek Technology Corporation RT9146 Datasheet HTML 5Page - Richtek Technology Corporation RT9146 Datasheet HTML 6Page - Richtek Technology Corporation RT9146 Datasheet HTML 7Page - Richtek Technology Corporation RT9146 Datasheet HTML 8Page - Richtek Technology Corporation RT9146 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9146/7
®
DS9146/7-03 May 2013
www.richtek.com
1
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
WDFN-8L 3x3 / WDFN-8SL 3x3
RT9146
Applications
TFT-LCD Panels
Notebook Computers
Monitors
LCD TVs
20V, 1A, Rail-to-Rail Operational Amplifier
General Description
The RT9146/7 consists of a low power, high slew rate,
single supply rail-to-rail input and output operational
amplifier.
The RT9146 contains a single amplifier and the RT9147
contains two amplifiers in one package.
The RT9146/7 has a high slew rate (35V/
μs), 1A peak
output current and offset voltage below 15mV. The RT9146/
7 is ideal for Thin Film Transistor Liquid Crystal Displays
(TFT-LCD) .
The RT9146 is available in the WDFN-8L 3x3 package,
and the RT9147 is available in the WQFN-16L 4x4
package. The RT9146/7 are specified for operation over
the full
−40°C to 85°C temperature range.
Features
Rail-to-Rail Output Swing
Supply Voltage : 6V to 20V
Peak Output Current : 1A
High Slew Rate : 35V/
μμμμμs
Unity Gain Stable
RoHS Compliant and Halogen Free
NC
VIN-
VS-
NC
VS+
VOUT
NC
VIN+
7
6
5
1
2
3
4
8
9
WQFN-16L 4x4
RT9147
NC
NC
VS+
NC
VINB-
VINB+
VINA+
VS-
1
2
3
4
56
7
8
12
11
10
9
13
16
14
15
17
VS-
RT9147
Package Type
QW : WQFN-16L 4x4
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)
RT9146
Package Type
QW : WDFN-8L 3x3
QWA : WDFN-8SL 3x3
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)
43 : Product Code
YMDNN : Date Code
Marking Information
RT9146ZQW
85 YM
DNN
85 : Product Code
YMDNN : Date Code
RT9147ZQW
43 YM
DNN
RT9146ZQWA
2W : Product Code
YMDNN : Date Code
2W YM
DNN


Similar Part No. - RT9146

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146 Datasheet
142Kb / 11P
20V, 1A, Rail-to-Rail Operational Amplifier
More results

Similar Description - RT9146

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
Rail-to-Rail Operational Amplifier
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
Rail-to-Rail Quad Operational Amplifier
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
ADL Embedded Solutions
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com