Electronic Components Datasheet Search
  English  ▼

X  

RT9146 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9146
Description  Rail-to-Rail Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9146 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9146 Datasheet HTML 1Page - Richtek Technology Corporation RT9146 Datasheet HTML 2Page - Richtek Technology Corporation RT9146 Datasheet HTML 3Page - Richtek Technology Corporation RT9146 Datasheet HTML 4Page - Richtek Technology Corporation RT9146 Datasheet HTML 5Page - Richtek Technology Corporation RT9146 Datasheet HTML 6Page - Richtek Technology Corporation RT9146 Datasheet HTML 7Page - Richtek Technology Corporation RT9146 Datasheet HTML 8Page - Richtek Technology Corporation RT9146 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9146/7
2
DS9146/7-03 May 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT9146
Pin No.
WDFN-8L
3x3
WDFN-8SL
3x3
Pin Name
Pin Function
1, 5, 8
NC
No Internal Connection.
2
VIN
−
Negative Input.
3
VIN+
Positive Input.
4,
9 (Exposed Pad)
VS
−
Negative Supply Input. The exposed pad must be soldered to a large PCB
and connected to VS
− for maximum power dissipation.
6
VOUT
Output.
7
VS+
Positive Supply Input. Bypass VS+ to VS
− with a 0.1μF capacitor placed as
close as possible to the device.
RT9147
Pin No.
Pin Name
Pin Function
1, 2, 4, 5, 6, 13, 15, 16 NC
No Internal Connection.
3
VS+
Positive Supply Input. Bypass VS+ to VS
− with a 0.1μF capacitor placed as
close as possible to the device.
7
VOUTA
Output of Amplifier A.
8
VINA
−
Positive Input of Amplifier A.
9
VINA+
Negative Input of Amplifier A.
10,
17 (Exposed Pad)
VS
−
Negative Supply Input. The exposed pad must be soldered to a large PCB
and connected to VS
− for maximum power dissipation.
11
VINB+
Positive Input of Amplifier B.
12
VINB
−
Negative Input of Amplifier B.
14
VOUTB
Output of Amplifier B.
Functional Pin Description
Typical Application Circuit
VS+
VS-
+
-
VINx+
VINx-
VOUTx
VS+
RS*
TFT-LCD
Capacitance
* : RS may be needed for some applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com