Electronic Components Datasheet Search
  English  ▼

X  

RT9624B Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9624B
Description  Single Phase Synchronous Rectified Buck MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9624B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9624B Datasheet HTML 8Page - Richtek Technology Corporation RT9624B Datasheet HTML 9Page - Richtek Technology Corporation RT9624B Datasheet HTML 10Page - Richtek Technology Corporation RT9624B Datasheet HTML 11Page - Richtek Technology Corporation RT9624B Datasheet HTML 12Page - Richtek Technology Corporation RT9624B Datasheet HTML 13Page - Richtek Technology Corporation RT9624B Datasheet HTML 14Page - Richtek Technology Corporation RT9624B Datasheet HTML 15Page - Richtek Technology Corporation RT9624B Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT9624B
13
DS9624B-07
July 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Layout Consideration
Figure 6 shows the schematic circuit of a synchronous
buck converter to implement the RT9624B. The converter
operates from 5V to 12V of input Voltage.
For the PCB layout, it should be very careful. The power
circuit section is the most critical one. If not configured
properly, it will generate a large amount of EMI. The location
of Q1, Q2, L1 should be very close.
Next, the trace from UGATE, and LGATE should also be
short to decrease the noise of the driver output signals.
PHASE signals from the junction of the power MOSFET,
carrying the large gate drive current pulses, should be as
heavy as the gate drive trace. The bypass capacitor C1
should be connected to GND directly. Furthermore, the
bootstrap capacitors (CBOOT) should always be placed as
close to the pins of the IC as possible.
Figure 6. Synchronous Buck Converter Circuit
Figure 5. Derating Curve of Maximum Power Dissipation
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
SOP-8 package, the thermal resistance,
θJA, is 120°C/W
on a standard JEDEC 51-7 four-layer thermal test board.
For SOP-8 (Exposed Pad) package, the thermal
resistance,
θJA, is 75°C/W on a standard JEDEC 51-7
four-layer thermal test board. For WDFN-8L 3x3 package,
the thermal resistance,
θJA, is 31°C/W on a standard
JEDEC 51-7 four-layer thermal test board. The maximum
power dissipation at TA = 25
°C can be calculated by the
following formulas :
PD(MAX) = (125
°C − 25°C) / (120°C/W) = 0.833W for
SOP-8 package
PD(MAX) = (125
°C − 25°C) / (75°C/W) = 1.333W for
SOP-8 (Exposed Pad) package
PD(MAX) = (125
°C − 25°C) / (31°C/W) = 3.22W for
WDFN-8L 3x3 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 5 allow the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
BOOT
UGATE
PHASE
LGATE
VCC
GND
CBOOT
12V
L2
C3
VIN
VCORE
C6
PHB83N03LT
PHB95N03LT
L1
Q2
Q1
C5
12V
PWM
PWM
C1
R1
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
SOP-8
SOP-8 (Exposed Pad)
WDFN-8L 3x3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com