Electronic Components Datasheet Search
  English  ▼

X  

RT9624B Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9624B
Description  Single Phase Synchronous Rectified Buck MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9624B Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9624B Datasheet HTML 1Page - Richtek Technology Corporation RT9624B Datasheet HTML 2Page - Richtek Technology Corporation RT9624B Datasheet HTML 3Page - Richtek Technology Corporation RT9624B Datasheet HTML 4Page - Richtek Technology Corporation RT9624B Datasheet HTML 5Page - Richtek Technology Corporation RT9624B Datasheet HTML 6Page - Richtek Technology Corporation RT9624B Datasheet HTML 7Page - Richtek Technology Corporation RT9624B Datasheet HTML 8Page - Richtek Technology Corporation RT9624B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RT9624B
3
DS9624B-07
July 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Function Pin Description
Pin No.
SOP-8
SOP-8 (Exposed Pad) /
WDFN-8L 3x3
Pin Name
Pin Function
1
1
BOOT
Bootstrap Supply for High Side Gate Drive.
2
2
PWM
PWM Signal Input. Connect this pin to the PWM output of the
controller.
3
3
NC
No Internal Connection.
4
4
VCC
Supply Voltage Input.
5
5
LGATE
Low Side Gate Driver Output. Connect this pin to the Gate of
low side power N-MOSFET.
6
6,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB
and connected to GND for maximum power dissipation.
7
7
PHASE
Connect this pin to the Source of the high side N-MOSFET
and the Drain of the low side N-MOSFET.
8
8
UGATE
High Side Gate Drive Output. Connect this pin to the Gate of
high side power N-MOSFET.
Shoot-Through
Protection
Turn Off
Detection
Shoot-Through
Protection
Tri-State
Detect
VCC
PWM
Internal
VDD
BOOT
UGATE
PHASE
LGATE
GND
VCC
POR
Bootstrap
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com