Electronic Components Datasheet Search
  English  ▼

X  

M2011SD1 Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2011SD1
Description  General Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2011SD1 Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2011SD1 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.nkkswitches.com
Series M
Miniature Toggles
A53
A
Distinctive Characteristics
Antirotation design, standard on noncylindrical levers, mates toggle
and bushing; bottom of toggle has two flatted sides which fit into
a complementary opening inside bushing.
Antijamming design protects contacts from damage due
to excessive downward force on actuator.
High torque bushing construction prevents rotation
or separation from frame during installation.
High insulating barriers increase isolation of
circuits in multipole devices and provide
added protection to contact points.
Molded diallyl phthalate case has a UL
flammability rating of 94V-0.
Epoxy sealed terminals prevent entry
of solder flux and other contaminants.
Prominent external insulating barriers
increase insulation resistance and
dielectric strength.
Interlocked actuator block, lever, and interior guide
prevent switch failure due to biased lever movement.
Clinching of frame to case well above base and terminals
provides 1,500V dielectric strength.
Actual Size
Bushing Mount
Page A52
Angle PC Mount
Page A70
Bracket PC Mount Page A64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com